Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3156 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part No. AAT3156
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AAT [Advanced Analog Technology, Inc.]
Homepage  http://www.aatech.com.tw
Logo 

AAT3156 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Pin Descriptions
Pin Configuration
QFN44-16
(Top View)
1
2
3
4
12
11
10
9
D6
EN/SET
N/C
VOUT
GND
IN
GND
D1
AAT3156
Pin #
Symbol
Function
1
D6
Current sink input #6.
2
EN/SET
AS
2Cwire serial interface control pin.
3
N/C
No connection.
4
VOUT
Charge pump output to drive load circuit. Requires 1µF capacitor connected between
this pin and ground.
5
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
6
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
7
C1-
Flying capacitor 1 negative terminal.
8
C2-
Flying capacitor 2 negative terminal.
9, 11
GND
Ground.
10
IN
Input power supply. Requires 1µF capacitor connected between this pin and ground.
12
D1
Current sink input #1.
13
D2
Current sink input #2.
14
D3
Current sink input #3.
15
D4
Current sink input #4.
16
D5
Current sink input #5.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT3156
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
2
3156.2005.09.1.2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn