Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB3883 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part No. MB3883
Description  6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down
Download  40 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB3883 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
DS04-27225-4E
FUJITSU SEMICONDUCTOR
DATA SHEET
ASSP For Power Management Applications
6
-ch DC/DC Converter IC with Synchronous
Rectifier for Voltage Step-up and Step-down
MB3883
s
s
s
s DESCRIPTION
The MB3883 is a 6-channel step-up/step-down DC/DC converter IC using pulse width modulation (PWM) and
synchronous rectification, designed for low voltage, high efficiency, and compact size. This IC is ideal for up
conversion, down conversion, and up/down conversion (using a step-up/step-down Zeta system with free input
and output settings).
The MB3883 can operate at low voltage levels, and has a wide supply voltage range from 1.7 V to 9 V.
The MB3883 is available in two packages, an LQFP-48P or a leadless BCC-48P formed with a contact electrode
pad only.
This is an ideal power supply for high-performance portable devices such as digital still cameras.
This product is covered by US Patent Number 6,147,477.
s
s
s
s FEATURES
• Supports synchronous rectification (CH1, 2, 5)
• Supports for down-conversion and up/down Zeta conversion (CH1, 2)
Supports for up-conversion (CH5)
• Supports up-conversion (CH3, 4, 6)
• Low start-up voltage : 1.7 V (CH6)
(Continued)
s
s
s
s PACKAGES
48-pin plastic LQFP
48-pad plastic BCC
(FPT-48P-M05)
(LCC-48P-M02)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn