Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG01 Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. BZG01
Description  SMA voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZG01 Datasheet(HTML) 3 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2000 Feb 17
3
Philips Semiconductors
Product specification
SMA voltage regulator diodes
BZG01 series
ELECTRICAL CHARACTERISTICS
Total series
Tj =25 °C unless otherwise specified.
Per type
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
VF
forward voltage
IF = 0.1 A; see Fig.4
1.2
V
TYPE
No.
SUFFIX
(1)
WORKING VOLTAGE
DIFFERENTIAL
RESISTANCE
TEMPERATURE
COEFFICIENT
TEST
CURRENT
REVERSE CURRENT
at REVERSE VOLTAGE
VZ (V) at IZ
rdif (Ω)atIZ
SZ (%/K) at IZ
IZ (mA)
IR (µA)
VR (V)
MIN.
NOM.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.
C10
9.4
10
10.6
2
7
0.05
0.09
25
10
7.5
C11
10.4
11
11.6
3
8
0.05
0.10
20
4
8.2
C12
11.4
12
12.7
3
9
0.05
0.10
20
3
9.1
C13
12.4
13
14.1
3
10
0.05
0.10
20
2
10
C15
13.8
15
15.6
5
15
0.05
0.10
15
1
11
C16
15.3
16
17.1
5
15
0.06
0.11
15
1
12
C18
16.8
18
19.1
7
20
0.06
0.11
15
1
13
C20
18.8
20
21.2
8
24
0.06
0.11
10
1
15
C22
20.8
22
23.3
8
25
0.06
0.11
10
1
16
C24
22.8
24
25.6
8
25
0.06
0.11
10
1
18
C27
25.1
27
28.9
10
30
0.06
0.11
8
1
20
C30
28
30
32
10
30
0.06
0.11
8
1
22
C33
31
33
35
12
35
0.06
0.11
8
1
24
C36
34
36
38
13
40
0.06
0.11
8
1
27
C39
37
39
41
17
50
0.06
0.11
6
1
30
C43
40
43
46
17
50
0.07
0.12
6
1
33
C47
44
47
50
30
90
0.07
0.12
4
1
36
C51
48
51
54
40
115
0.07
0.12
4
1
39
C56
52
56
60
40
120
0.07
0.12
4
1
43
C62
58
62
66
40
125
0.08
0.13
4
1
47
C68
64
68
72
40
130
0.08
0.13
4
1
51
C75
70
75
79
40
135
0.08
0.13
4
1
56
C82
77
82
87
70
200
0.08
0.13
2.7
1
62
C91
85
91
96
80
250
0.09
0.13
2.7
1
68
C100
94
100
106
120
350
0.09
0.13
2.7
1
75
C110
104
110
116
150
450
0.09
0.13
2.7
1
82
C120
114
120
127
200
550
0.09
0.13
2
1
91
C130
124
130
141
250
700
0.09
0.13
2
1
100
C150
138
150
156
300
1000
0.09
0.13
2
1
110


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX55C2V4RL500 mW DO-35 Glass Zener Voltage Regulator Diodes 1 2 3 4 5 MoreMotorola, Inc
BZX84SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES 1 2 3 Zetex Semiconductors
BZD23Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX84Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
PMLL5225BVoltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZD27Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX99Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
FMMZ5232SOT23 SILICON VOLTAGE REGULATOR DIODES 1 2 List of Unclassifed Manufacturers
BZG03Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn