Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZG01 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. BZG01
Description  SMA voltage regulator diodes
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZG01 Datasheet(HTML) 2 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2000 Feb 17
2
Philips Semiconductors
Product specification
SMA voltage regulator diodes
BZG01 series
FEATURES
• Glass passivated
• High maximum operating temperature
• Ideal for surface mount automotive applications
• Low leakage current
• Excellent stability
• UL 94V-O classified plastic package
• Zener working voltage range: 10 to 270 V for 35 types
• Supplied in 12 mm embossed tape and reel, 1500 and
7500 pieces
• Marking: cathode, date code, type name
• Easy pick and place.
DESCRIPTION
DO-214AC surface mountable package with glass
passivated chip.
The well-defined void-free case is of a transfer-moulded
thermo-setting plastic. The small rectangular package has
two J bent leads.
olumns
MBL143
Top view
Side view
cathode
band
ka
Fig.1 Simplified outline (DO-214AC) and symbol.
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Ptot
total power dissipation
Ttp = 100 °C; see Fig.2
2.50
W
Tamb =25 °C; see Fig.2; device
mounted on an Al2O3 printed-circuit
board: see Fig.5
1.50
W
PZSM
non-repetitive peak reverse power
dissipation
tp = 100 µs; square pulse; Tj =25 °C
prior to surge; see Fig.3
150
W
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
−65
+175
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX55C2V4RL500 mW DO-35 Glass Zener Voltage Regulator Diodes 1 2 3 4 5 MoreMotorola, Inc
BZX84SOT23 SILICON PLANAR VOLTAGE REGULATOR DIODES 1 2 3 Zetex Semiconductors
BZD23Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX84Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
PMLL5225BVoltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZD27Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
BZX99Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors
FMMZ5232SOT23 SILICON VOLTAGE REGULATOR DIODES 1 2 List of Unclassifed Manufacturers
BZG03Voltage regulator diodes 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn