Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3151 Datasheet(PDF) 2 Page - Advanced Analog Technology, Inc.

Part No. AAT3151
Description  High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3151 Datasheet(HTML) 2 Page - Advanced Analog Technology, Inc.

  AAT3151 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3151 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Pin Descriptions
Pin Configuration
TDFN33-12/STDFN33-12
(Top View)
Pin #
Symbol
Function
1
D4
Current sink input #4.
2
EN/SET
AS
2Cwire serial interface control pin.
3
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
4
C1-
Flying capacitor 1 negative terminal.
5
VOUT
Charge pump output to drive load circuit. Requires 1µF capacitor connected
between this pin and ground.
6
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
7
C2-
Flying capacitor 2 negative terminal.
8
VIN
Input power supply. Requires 1µF capacitor connected between this pin and
ground.
9
GND
Ground.
10
D1
Current sink input #1.
11
D2
Current sink input #2.
12
D3
Current sink input #3.
EP
Exposed paddle (bottom). Connect to GND directly beneath package.
D4
EN/SET
C1+
1
C1-
VOUT
C2+
D3
D2
D1
GND
VIN
C2-
2
3
4
5
6
12
11
10
9
8
7
AAT3151
High Efficiency 1X/1.5X/2X Charge Pump
For White LED Applications
2
3151.2007.03.1.10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn