Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S318JCTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100S318JCTR
Description  5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S318JCTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100S318JCTR Datasheet HTML 1Page - Micrel Semiconductor SY100S318JCTR Datasheet HTML 2Page - Micrel Semiconductor SY100S318JCTR Datasheet HTML 3Page - Micrel Semiconductor SY100S318JCTR Datasheet HTML 4Page - Micrel Semiconductor SY100S318JCTR Datasheet HTML 5Page - Micrel Semiconductor SY100S318JCTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY100S318
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
LOGIC EQUATION
O = (D1a + D2a + D3a + D4a + D5a)
(D1b + D2b + D3b + D4b)
(D1c + D2c + D3c + D4c)
(D1d + D2d + D3d + D4d)
(D1e + D2e)
DC ELECTRICAL CHARACTERISTICS
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
Symbol
Parameter
Min.
Typ.
Max.
Unit
Condition
IIH
Input HIGH Current, All Inputs
——
200
µAVIN = VIH (Max.)
IEE
Power Supply Current
–55
–41
–25
mA
Inputs Open
AC ELECTRICAL CHARACTERISTICS
CERPACK
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
PLCC
VEE = –4.2V to –5.5V unless otherwise specified, VCC = VCCA = GND
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
800
300
800
300
800
ps
tPHL
Data to Output
tTLH
Transition Time
200
900
200
900
200
900
ps
tTHL
20% to 80%, 80% to 20%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
300
900
300
900
300
900
ps
tPHL
Data to Output
tTLH
Transition Time
200
900
200
900
200
900
ps
tTHL
20% to 80%, 80% to 20%


Similar Part No. - SY100S318JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S318JCTR MICREL-SY100S318JCTR Datasheet
96Kb / 5P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318JCTR MICREL-SY100S318JCTR Datasheet
78Kb / 4P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
More results

Similar Description - SY100S318JCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S318 MICREL-SY100S318 Datasheet
96Kb / 5P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S318 MICREL-SY100S318_07 Datasheet
78Kb / 4P
   5-WIDE 5, 4, 4, 4, 2 OA/OAI GATE
SY100S317 MICREL-SY100S317_07 Datasheet
79Kb / 4P
   TRIPLE 2-WIDE OA/OAI GATE
SY100S317 MICREL-SY100S317 Datasheet
96Kb / 5P
   TRIPLE 2-WIDE OA/OAI GATE
SY100S317 MICREL-SY100S317_06 Datasheet
86Kb / 6P
   TRIPLE 2-WIDE OA/OAI GATE
logo
NXP Semiconductors
100118 PHILIPS-100118 Datasheet
248Kb / 5P
   Quint 2-4-4-4-5 Input OR-AND Gate
June 14 1990
logo
Fairchild Semiconductor
11C01 FAIRCHILD-11C01 Datasheet
119Kb / 3P
   Dual 5-4 Input OR/NOR Gate
logo
Motorola, Inc
MC1688 MOTOROLA-MC1688 Datasheet
500Kb / 7P
   DUAL 4-5-INPUT OR/NOR GATE
logo
ON Semiconductor
MC10H109 ONSEMI-MC10H109 Datasheet
94Kb / 3P
   Dual 4-5-Input OR/NOR Gate
REV 5
MC10H209 ONSEMI-MC10H209 Datasheet
95Kb / 3P
   Dual 4-5- Input OR/NOR Gate
1996 REV 5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com