Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3143 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part No. AAT3143
Description  High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3143 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
General Description
The AAT3143 is a low noise, constant frequency
charge pump DC/DC converter that uses a tri-
mode load switch (1X), fractional (1.5X), and dou-
bling (2X) conversion to maximize efficiency for
white LED applications. The AAT3143 can deliver
current levels up to 80mA to drive white LEDs con-
nected to the four current source outputs from a
2.7V to 5.5V input. The current source outputs may
source up to 20mA each and may be operated indi-
vidually or in parallel for driving higher-current
LEDs. A low external parts count (two 1µF flying
capacitors and two small 1µF capacitors at VIN and
VOUT) makes the AAT3143 ideally suited for small
battery-powered applications.
Output current, and therefore brightness, is con-
trolled via externally applied Pulse Width Modulation
(PWM) control. Typically, PWM frequencies of up to
50kHz can be applied.
The AAT3143 has a thermal management system to
protect the device in the event of a short-circuit con-
dition at the voltage output pin. Built-in soft-start cir-
cuitry prevents excessive inrush current during start-
up. A high charge pump switching frequency allows
the use of very small external capacitors. A low cur-
rent shutdown feature disconnects the load from VIN
and reduces quiescent current to less than 1µA.
The AAT3143 is available in a Pb-free, space-sav-
ing, 2.85x3.0mm 12-pin TSOPJW package.
Features
Input Voltage Range: 2.7V to 5.5V
PWM Brightness Control
Tri-Mode 1X, 1.5X, and 2X Charge Pump for
Maximum Efficiency and VF Coverage
Drives Four Low- or High-VF Type LEDs
Up to 20mA LED Current per Channel
No Inductors
1MHz Switching Frequency
Small Application Circuit
AutoBias™ Technology
•IQ <1µA in Shutdown
2.85x3.0mm TSOPJW-12 Package
Applications
Programmable Current Sources
White LED Backlighting
White Photo Flash for Digital Still Cameras
AAT3143
High Efficiency 1X/1.5X/2X Charge Pump with
PWM Control for White LED Applications
Typical Application
C1
1µF
C2
1µF
D1
D2
D3
C
OUT
1µF
C
IN
1µF
2.7V to 5.5V
PWM/EN
IN
EN/PWM
C1+
C1-
C2+
C2-
CP
D1
D2
D3
GND
AAT3143
D4
D4
3143.2006.05.1.0
1
ChargePump


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn