Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3143 Datasheet(PDF) 8 Page - Advanced Analogic Technologies

Part No. AAT3143
Description  High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3143 Datasheet(HTML) 8 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AAT3143
High Efficiency 1X/1.5X/2X Charge Pump with
PWM Control for White LED Applications
8
3143.2006.05.1.0
Functional Block Diagram
1X/1.5X/2X
Charge Pump
D/A
D/A
D/A
EN/PWM
Soft-Start
Control
1MHz
Oscillator
Voltage
Reference
IN
EN/PWM
GND
D4
D3
D2
D1
CP
C1+
C1- C2+
C2-
D/A
Functional Description
The AAT3143 is a tri-mode load switch (1X) and
high efficiency (1.5X or 2X) charge pump device
intended for white LED backlight applications. To
maximize power conversion efficiency, an internal
sensing circuit monitors the voltage required on
each constant current source output and sets the
load switch and charge pump modes based on the
input battery voltage and the current source output
voltage. As the battery discharges over time, the
AAT3143 charge pump is enabled when any of the
four current source outputs nears dropout. The
charge pump initially starts in 1.5X mode. If the
charge pump output drops enough for any current
source output to become close to dropout, the
charge pump will automatically transition to 2X
mode. The AAT3143 requires only four external
components: two 1µF ceramic capacitors for the
charge pump flying capacitors (C1 and C2), one 1µF
ceramic input capacitor (CIN), and one 0.33µF to
1µF ceramic charge pump output capacitor (COUT).
The four constant current source outputs (D1 to
D4) can drive four individual LEDs with a maximum
current of 20mA each. The unused source outputs
must be connected to GND, otherwise the part will
operate only in 2X charge pump mode. The
EN/PWM input allows the user to control the bright-
ness of the four LEDs by PWMing up to 50kHz.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn