Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3143 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part No. AAT3143
Description  High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3143 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

  AAT3143 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3143 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Typical Characteristics
VIN = 3.5V, CIN = CCP = C1 = C2 = 1µF, TA = 25°C, unless otherwise noted.
LED Turn-On Delay
(PWM Frequency = 5kHz)
Time (1µs/div)
VEN
(2V/div)
VLED
(2V/div)
ILED
(10mA/div)
LED Turn-On Delay
(PWM Frequency = 500Hz)
Time (5µs/div)
VEN
(2V/div)
VLED
(2V/div)
ILED
(10mA/div)
Turn-On to 2X Mode
(VIN = 2.7V)
Time (50µs/div)
VEN
(1V/div)
VCP
(2V/div)
VLED
(2V/div)
IIN
(50mA/div)
Turn-On to 1.5X Mode
(VIN = 3.5V)
Time (50µs/div)
VEN
(1V/div)
VCP
(2V/div)
VLED
(2V/div)
IIN
(50mA/div)
Turn-On to 1X Mode
(VIN = 4.2V)
Time (50µs/div)
VEN
(1V/div)
VCP
(2V/div)
VLED
(2V/div)
IIN
(100mA/div)
Efficiency
(100% Duty Cycle, 4x20mA/channel)
Input Voltage (V)
30
40
50
60
70
80
90
100
2.7 2.8 2.9 3.0 3.1 3.2 3.3 3.4 3.5 3.6 3.7 3.8 3.9 4.0 4.1 4.2
AAT3143
High Efficiency 1X/1.5X/2X Charge Pump with
PWM Control for White LED Applications
3143.2006.05.1.0
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn