Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3143 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part No. AAT3143
Description  High Efficiency 1X/1.5X/2X Charge Pump with PWM Control for White LED Applications
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT3143 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Pin Descriptions
Pin Configuration
TSOPJW-12
(Top View)
1
2
3
4
5
6
12
11
10
9
8
7
C2+
CP
C1-
C1+
D3
D2
C2-
GND
IN
EN/PWM
D1
D4
Pin #
Symbol
Function
1
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
2
CP
Charge pump output. Requires 1µF capacitor connected between this pin and ground.
3
C1-
Flying capacitor 1 negative terminal.
4
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
5
D3
Current source output #3.
6
D2
Current source output #2.
7
D4
Current source output #4.
8
D1
Current source output #1.
9
EN/PWM
Enable/PWM control pin.
10
IN
Input power supply. Requires 1µF capacitor connected between this pin and ground.
11
GND
Ground.
12
C2-
Flying capacitor 2 negative terminal.
AAT3143
High Efficiency 1X/1.5X/2X Charge Pump with
PWM Control for White LED Applications
2
3143.2006.05.1.0


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn