Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100S322 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S322
Description  9-BIT BUFFER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S322 Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S322_06 Datasheet HTML 1Page - Micrel Semiconductor SY100S322_06 Datasheet HTML 2Page - Micrel Semiconductor SY100S322_06 Datasheet HTML 3Page - Micrel Semiconductor SY100S322_06 Datasheet HTML 4Page - Micrel Semiconductor SY100S322_06 Datasheet HTML 5Page - Micrel Semiconductor SY100S322_06 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SY100S322
Micrel, Inc.
M9999-032206
hbwhelp@micrel.com or (408) 955-1690
s Max. propagation delay of 700ps
s IEE min. of –55mA
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for
improved noise immunity
s Internal 75K
input pull-down resistors
s 70% faster than Fairchild 300K at lower power
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
FEATURES
DESCRIPTION
The SY100S322 is an ultra-fast buffer designed for use
in high-performance ECL systems. The device provides
nine non-inverting buffers with single-ended outputs. The
inputs on the device have 75K
Ω pull-down resistors.
SY100S322
9-BIT BUFFER
BLOCK DIAGRAM
D1
O2
O1
D2
D3
O4
O3
D4
D5
O6
O5
D6
D7
O8
O7
D8
D9
O9
Rev.: H
Amendment: /0
Issue Date:
March 2006
Pin
Function
D1 – D9
Data Inputs
O1 – O9
Data Outputs
VEES
VEE Substrate
VCCA
VCCO for ECL Outputs
PIN NAMES


Similar Part No. - SY100S322_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
More results

Similar Description - SY100S322_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322 Datasheet
94Kb / 5P
   9-BIT BUFFER
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122 Datasheet
94Kb / 4P
   9-BIT BUFFER
1996 REV 2
logo
Micrel Semiconductor
SY100S322 MICREL-SY100S322_07 Datasheet
77Kb / 4P
   9-BIT BUFFER
SY10E122 MICREL-SY10E122 Datasheet
60Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
F100122 NSC-F100122 Datasheet
90Kb / 3P
   9-BIT BUFFER
logo
Micrel Semiconductor
SY10E122 MICREL-SY10E122_06 Datasheet
59Kb / 4P
   9-BIT BUFFER
logo
National Semiconductor ...
100322 NSC-100322 Datasheet
104Kb / 6P
   Low Power 9-Bit Buffer
logo
Fairchild Semiconductor
100322 FAIRCHILD-100322 Datasheet
64Kb / 6P
   Low Power 9-Bit Buffer
logo
National Semiconductor ...
F100322 NSC-F100322 Datasheet
184Kb / 6P
   Low Power 9-Bit Buffer
logo
ON Semiconductor
MC10E122 ONSEMI-MC10E122_06 Datasheet
121Kb / 8P
   5V ECL 9-Bit Buffer
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com