Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24SA12010PTFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # S24SA12010PTFA
Description  Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S24SA12010PTFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button S24SA12010PTFA Datasheet HTML 5Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 6Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 7Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 8Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 9Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 10Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 11Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 12Page - Delta Electronics, Inc. S24SA12010PTFA Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
DS_S24SA1R212_05102006
9
THERMAL CONSIDERATIONS
Thermal management is an important part of the system
design. To ensure proper, reliable operation, sufficient
cooling of the power module is needed over the entire
temperature range of the module. Convection cooling is
usually the dominant mode of heat transfer.
Hence, the choice of equipment to characterize the
thermal performance of the power module is a wind
tunnel.
Thermal Testing Setup
Delta’s DC/DC power modules are characterized in
heated vertical wind tunnels that simulate the thermal
environments
encountered
in
most
electronics
equipment. This type of equipment commonly uses
vertically mounted circuit cards in cabinet racks in which
the power modules are mounted.
The
following
figure
shows
the
wind
tunnel
characterization setup. The power module is mounted
on a test PWB and is vertically positioned within the
wind tunnel. The space between the neighboring PWB
and the top of the power module or a heat sink is
6.35mm (0.25”).
Thermal Derating
Heat can be removed by increasing airflow over the
module. The module’s maximum hot spot temperature is
To. To enhance system reliability, the power module
should always be operated below the maximum
operating temperature. If the temperature exceeds the
maximum module temperature, reliability of the unit may
be affected.
Note: Wind Tunnel Test Setup Figure Dimensions are in millimeters and (Inches)
10 (0.4”)
MODULE
AIR FLOW
50.8 (2.0”)
FACING PWB
PWB
AIR VELOCITY
AND AMBIENT
TEMPERATURE
MEASURED BELOW
THE MODULE
Figure 17: Wind tunnel test setup
THERMAL CURVES
S24SA1R212NR (Standard) Output Current vs. Ambient Temperature and Air Velocity
(Either Orientation)
0
2
5
7
10
12
50
55
60
65
70
75
80
85
Ambient Temperature (℃)
Output Current(A)
100LFM
200LFM
300LFM
Natural
Convection
Figure 19: Output current vs. ambient temperature and air velocity
(Either Orientation)
Figure 18:
Hot spot temperature measured point
The allowed maximum hot spot temperature is defined at 110


Similar Part No. - S24SA12010PTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE DELTA-S24SE Datasheet
705Kb / 12P
   15W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
S24SE05002 DELTA-S24SE05002 Datasheet
638Kb / 13P
   10W Single/Dual Output DC/DC Converter
S24SE05002NPFA DELTA-S24SE05002NPFA Datasheet
705Kb / 12P
   10W Single/Dual Output DC/DC Converter
More results

Similar Description - S24SA12010PTFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
921Kb / 13P
   Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
H24SN28012NRFA DELTA-H24SN28012NRFA Datasheet
547Kb / 13P
   Delphi Series H24SN, 350W Half Brick Family DC/DC Power Modules: 18~36Vin, 28V/12.5A out
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E24SR05012 DELTA-E24SR05012 Datasheet
785Kb / 15P
   Delphi Series E24SR, 66W Eighth Brick Family DC/DC Power Modules: 24V in, 5V/12A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com