Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3134 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part No. AAT3134
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3134 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT3134 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3134 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Descriptions
Pin Configuration
QFN44-16
(Top View)
1
2
3
4
12
11
10
9
D2
D5
D6
D3
OUT
C2+
C2-
GND
Pin #
Symbol
Function
1
D2
Current source output #2.
2
D5
Current source output #5.
3
D6
Current source output #6.
4
D3
Current source output #3.
5
D4
Current source output #4.
6
C1+
Flying capacitor 1 positive terminal. Connect a 1µF capacitor between C1+ and C1-.
7
C1-
Flying capacitor 1 negative terminal.
8,13
N/C
No connection.
9
OUT
Charge pump output. Requires 1µF capacitor connected between this pin and ground.
10
C2+
Flying capacitor 2 positive terminal. Connect a 1µF capacitor between C2+ and C2-.
11
C2-
Flying capacitor 2 negative terminal.
12
GND
Ground.
14
IN
Input power supply. Requires 1µF capacitor connected between this pin and ground.
15
EN/SET
Control pin.
16
D1
Current source output #1.
EP
Exposed paddle (bottom); connect to GND directly beneath package.
AAT3134
High Efficiency 1X/1.5X Fractional
Charge Pump for White LED Applications
2
3134.2005.12.1.1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn