Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT3129 Datasheet(PDF) 14 Page - Advanced Analog Technology, Inc.

Part # AAT3129
Description  High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT3129 Datasheet(HTML) 14 Page - Advanced Analog Technology, Inc.

Back Button AAT3129 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 9Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 10Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 11Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 12Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 13Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 14Page - Advanced Analog Technology, Inc. AAT3129 Datasheet HTML 15Page - Advanced Analog Technology, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
AAT3129
High Efficiency 1X/1.5X/2X Charge Pump
for RGB Color LED Applications
14
3129.2007.01.1.4
Ordering Information
Package Information
All dimensions in millimeters.
0.20 + 0.10
- 0.05
0.055
± 0.045
0.45
± 0.15
7
° NOM
4
° ± 4°
3.00
± 0.10
0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC 0.50 BSC
0.04 REF
0.010
2.75
± 0.25
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Output Current
Package
Marking1
Part Number (Tape and Reel)2
60mA
TSOPJW-12
NNXYY
AAT3129ITP-60-T1
1. XYY = assembly and date code.
2. Sample stock is held on part numbers listed in BOLD.


Similar Part No. - AAT3129

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129ITP-60-T1 ANALOGICTECH-AAT3129ITP-60-T1 Datasheet
302Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129ITP-60-T1 ANALOGICTECH-AAT3129ITP-60-T1 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
More results

Similar Description - AAT3129

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3129 ANALOGICTECH-AAT3129 Datasheet
302Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
AAT3129 ANALOGICTECH-AAT3129_07 Datasheet
460Kb / 15P
   High Efficiency 1X/1.5X/2X Charge Pump for RGB Color LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com