Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT3123 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part No. AAT3123
Description  High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3123 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3123 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3123 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
AAT3123/23A/24
High Efficiency 1X/1.5X Fractional Charge
Pump for White LED Applications
3123.2005.12.1.4
3
Absolute Maximum Ratings
1
Thermal Information
3
Symbol
Description
Value
Units
θ
JA
Thermal Resistance
QFN44-16
50
TSOPJW-12
160
°C/W
P
D
Maximum Power Dissipation
QFN44-16
4
2.0
TSOPJW-12
5
0.625
W
Symbol
Description
Value
Units
V
IN
Input Voltage
-0.3 to 6
V
V
OUT
Charge Pump Output
-0.3 to 6
V
FB, V
EN/SET
FB or EN/SET to GND Voltage
-0.3 to 6
V
V
EN/SET(MAX)
Maximum EN/SET to Input Voltage
0.3
V
I
OUT
2
Maximum DC Output Current
150
mA
T
J
Operating Junction Temperature Range
-40 to 150
°C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Based on long-term current density limitation.
3. Mounted on an FR4 board.
4. Derate 20mW/°C above 25°C.
5. Derate 6.25mW/°C above 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn