Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100HA643JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100HA643JC
Description  DUAL SUPPLY OCTAL ECL-TO-TTL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100HA643JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100HA643JC Datasheet HTML 1Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 2Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 3Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 4Page - Micrel Semiconductor SY100HA643JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Precision Edge®
SY100HA643
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
The SY100HA643 is an enhanced dual supply, low skew
translating 1:8 clock driver. Devices in the Micrel H600
translators series utilize the 28-lead PLCC for optimal power
pinning, signal flow through and electrical performance. The
dual-supply HA643 is similar to the H641, which is a single-
supply 1:9 version of the same function, with higher
performance than the H643 versions.
The device features a 48mA TTL output stage, with AC
performance specified into a 20pF load capacitance.
A
Latch is provided on-chip. When LEN is LOW (or left open,
in which case it is pulled LOW by the internal pulldowns)
the latch is transparent. A HIGH on the enable pin (EN)
forces all outputs LOW.
The 100HA643 is compatible with 100K ECL logic levels.
DESCRIPTION
FEATURES
■ ECL/TTL version of popular ECLinPS™ E111
■ 400ps within device skew
■ 800ps part-to-part skew
■ Latch
■ Differential internal design
■ VBB output
■ Dual supply
■ Reset/Enable
■ Multiple TTL and ECL power/ground pins
■ Fully compatible with MC100H643
■ Higher performance than H643 versions
■ Industrial temperature availability
■ Available in 28-pin PLCC package
DUAL SUPPLY
OCTAL ECL-TO-TTL
Rev.: H
Amendment: /0
Issue Date:
March 2006
Precision Edge®
SY100HA643
BLOCK DIAGRAM
Pin
Function
OGND
TTL Output Ground (0V)
OVTTTL
Output VCC (+5.0V)
IGND
Internal TTL GND (0V)
IVT
Internal TTL VCC (+5.0V)
VEE
ECL VEE (-5.2/-4.5V)
VCCE
ECL Ground (0V)
D, D
Signal Input (ECL)
VBB
VBB Reference Output
Q0 - Q7
Signal Outputs (TTL)
EN
Enable Input (ECL)
LEN
Latch Enable Input (ECL)
PIN NAMES
D
VBB
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
D
LEN
EN
D
Q
TTL OUTPUTS
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100HA643JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100HA643JC MICREL-SY100HA643JC Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643JCTR MICREL-SY100HA643JCTR Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
More results

Similar Description - SY100HA643JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
logo
Texas Instruments
SN100KT5542 TI1-SN100KT5542 Datasheet
285Kb / 8P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
SN10KHT5542 TI1-SN10KHT5542_11 Datasheet
286Kb / 7P
[Old version datasheet]   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
logo
List of Unclassifed Man...
SN10KHT5542 ETC1-SN10KHT5542 Datasheet
330Kb / 8P
   OCTAL TTL-TO-ECL TRANSLATORS WITH OUTPUT ENABLE
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643 Datasheet
106Kb / 5P
   DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
1996 REV 3
logo
Texas Instruments
SN10KHT5539 TI1-SN10KHT5539 Datasheet
103Kb / 6P
[Old version datasheet]   OCTAL ECL-TO-TTL TRANSLATOR WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com