Electronic Components Datasheet Search |
|
S24SA12003PTFA Datasheet(PDF) 1 Page - Delta Electronics, Inc. |
|
S24SA12003PTFA Datasheet(HTML) 1 Page - Delta Electronics, Inc. |
1 / 13 page DATASHEET DS_S24SA1R212_05102006 Delta Electronics, Inc. Delphi Series S24SA, 2”x1” Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out The Delphi Series S24SA, surface mountable, 24V input, single output, isolated DC/DC converter is the latest offering from a world leader in power system and technology and manufacturing -- Delta Electronics, Inc. This product family provides up to 36 watts of power or up to 12A of output current (for output voltage 1.8V or below) in a low profile 2”x1” industry standard form factor and pinout. The S24SA operates from a wide input range of 18V to 36V, output ranges from 1.2V to 12V. For 1.2V at 12A full load, the efficiency is up to 85.5%. With creative design technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability under highly stressful operating conditions. All models are protected from abnormal input/output voltage and current conditions, and feature 2250V input/output isolation and basic insulation. APPLICATIONS Telecom/DataCom Wireless Networks Optical Network Equipment Server and Data Storage Industrial/Test Equipment OPTIONS Positive on/off logic SMD or Through hole mounting FEATURES High efficiency: 85.5% @ 1.2V/ 12A Size: 47.2mm x 29.5mm x 8.5mm (1.86" x 1.16" x 0.33") Low profile: 0.33" Industry standard footprint and pin out Surface mountable Fixed frequency operation Input UVLO, Output OCP, OVP, OTP No minimum load required 2:1 input voltage range Basic insulation 2250 isolation ISO 9001, TL 9000, ISO 14001, QS9000, OHSAS18001 certified manufacturing facility UL/cUL 60950 (US & Canada) recognized, and TUV (EN60950) certified |
Similar Part No. - S24SA12003PTFA |
|
Similar Description - S24SA12003PTFA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |