Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT2556 Datasheet(PDF) 3 Page - Advanced Analog Technology, Inc.

Part # AAT2556
Description  Battery Charger and Step-Down Converter for Portable Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAT [Advanced Analog Technology, Inc.]
Direct Link  http://www.aatech.com.tw
Logo AAT - Advanced Analog Technology, Inc.

AAT2556 Datasheet(HTML) 3 Page - Advanced Analog Technology, Inc.

  AAT2556 Datasheet HTML 1Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 2Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 3Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 4Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 5Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 6Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 7Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 8Page - Advanced Analog Technology, Inc. AAT2556 Datasheet HTML 9Page - Advanced Analog Technology, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
Absolute Maximum Ratings1
Thermal Information
Symbol
Description
Value
Units
PD
Maximum Power Dissipation
2.0
W
θJA
Thermal Resistance2
50
°C/W
Symbol
Description
Value
Units
VIN
Input Voltage to GND
6.0
V
VADP
Adapter Voltage to GND
-0.3 to 7.5
V
VLX
LX to GND
-0.3 to VIN + 0.3
V
VFB
FB to GND
-0.3 to VIN + 0.3
V
VEN
EN_BAT and EN_BUCK to GND
-0.3 to 6.0
V
VX
BAT, ISET and STAT to GND
-0.3 to VADP + 0.3
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT2556
Battery Charger and Step-Down
Converter for Portable Applications
2556.2006.09.1.2
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions
other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board.


Similar Part No. - AAT2556

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556IWP-CA-T1 ANALOGICTECH-AAT2556IWP-CA-T1 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556IWP-CA-T1 SKYWORKS-AAT2556IWP-CA-T1 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
More results

Similar Description - AAT2556

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP8086 EUTECH-EUP8086 Datasheet
892Kb / 19P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Skyworks Solutions Inc.
AAT2556 SKYWORKS-AAT2556 Datasheet
2Mb / 27P
   Battery Charger and Step-Down Converter for Portable Applications
logo
Advanced Analogic Techn...
AAT2556 ANALOGICTECH-AAT2556 Datasheet
743Kb / 29P
   Battery Charger and Step-Down Converter for Portable Applications
logo
ams AG
AS1333 AMSCO-AS1333 Datasheet
1Mb / 16P
   650mA, Step Down DC/DC Converter for Portable Applications
logo
National Semiconductor ...
LM3206 NSC-LM3206 Datasheet
1Mb / 16P
   650mA Miniature, Step-Down DC-DC Converter for Portable Applications
logo
Maxim Integrated Produc...
MAX1870AETJ MAXIM-MAX1870AETJ Datasheet
1Mb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 0; 4/04
MAX1870A MAXIM-MAX1870A Datasheet
1Mb / 33P
   Step-Up/Step-Down Li Battery Charger
2015
MAX1870 MAXIM-MAX1870 Datasheet
509Kb / 32P
   Step-Up/Step-Down Li Battery Charger
Rev 1; 9/05
logo
Texas Instruments
BQ25015 TI-BQ25015 Datasheet
782Kb / 28P
[Old version datasheet]   SINGLE-CHIP CHARGER AND DC/DC CONVERTER IC FOR PORTABLE APPLICATIONS
logo
Asahi Kasei Microsystem...
AK7903 AKM-AK7903 Datasheet
372Kb / 10P
   DCDC Step-down Converter for NiH2 Battery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com