Electronic Components Datasheet Search
English ▼
English
Chinese
German
Japanese
Russian
Korean
Spanish
French
Italian
Portuguese
Polish
Vietnamese
Delete All
ON
OFF
ALLDATASHEET.COM
Part No.
Description
Marking
X
Match&Start
Match
Start with
End
Included
All Manufacturers
Preview
PDF
Download
HTML
SY100E222L Datasheet(PDF) 3 Page - Micrel Semiconductor
Part No.
SY100E222L
Description
3.3V,
1.5GHz
÷1/÷2
DIFFERENTIAL
LVECL/LVPECL
PROGRAMMABLE
CLOCK
GENERATOR
AND
1:15
FANOUT
BUFFER
Download
7 Pages
Scroll/Zoom
100%
Maker
MICREL [Micrel Semiconductor]
Homepage
http://www.micrel.com
Logo
SY100E222L Datasheet(HTML) 3 Page - Micrel Semiconductor
zoom in
zoom out
3
/ 7 page
Html Pages
1
2
3
4
5
6
7
Datasheet Download
Related Electronics Part Number
Part Number
Components Description
Html View
Manufacturer
SY89221U
Precision
1:15
LVPECL
Fanout
Buffer
with
2:1
MUX
and
Four
÷1/÷2/÷4
Clock
Divider
Output
Banks
1
2
3
4
5
More
Micrel Semiconductor
MC100LVEL37_06
3.3V
ECL
1:4
÷1/÷2
Clock
Fanout
Buffer
1
2
3
4
5
More
ON Semiconductor
NB6L611
2.5V
/
3.3V
1:2
Differential
LVPECL
Clock
/
Data
Fanout
Buffer
1
2
3
4
5
More
ON Semiconductor
SY89875U
2.5V
2.0GHz
ANY
DIFF.
IN-TO-LVDS
PROGRAMMABLE
CLOCK
DIVIDER
AND
1;2
FANOUT
BUFFER
W/
INTERNAL
TERMINATION
1
2
3
4
5
More
Micrel Semiconductor
SN74SSTE32882
28-Bit
to
56-Bit
Registered
Buffer
With
Address
Parity
Test
and
One
Pair
to
Four
Pair
Differential
Clock
PLL
Driver
1
2
3
4
5
More
Texas Instruments
MC10EP51_06
3.3V
/
5V
ECL
D
Flip−Flop
with
Reset
and
Differential
Clock
1
2
3
4
5
More
ON Semiconductor
MC100LVE222_05
3.3
V/5.0
V
ECL
1:15
Differential
÷1/÷2
Clock
Driver
1
2
3
4
5
More
ON Semiconductor
NB6L11M
2.5V
/
3.3V
1:2
Differential
CML
Fanout
Buffer
1
2
3
4
5
More
ON Semiconductor
MC10EP52_06
3.3V
/
5V
ECL
Differential
Data
and
Clock
D
Flip−Flop
1
2
3
4
5
More
ON Semiconductor
MC100LVE210_06
3.3V
ECL
Dual
1:4
1:5
Differential
Fanout
Buffer
1
2
3
4
5
More
ON Semiconductor
Link URL
English
中国语
한국어
français
español
日本語
Deutsch
italiano
русский
polski
português
Tiếng việt
Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?
[ DONATE ]
About Alldatasheet
|
Advertisement
|
Datasheet Upload
|
Contact us
|
Privacy Policy
|
Alldatasheet API
|
Link Exchange
|
Manufacturer List
All Rights Reserved©
Alldatasheet.com
Mirror Sites
English :
Alldatasheet.com
| English :
Alldatasheet.net
| Chinese :
Alldatasheetcn.com
| German :
Alldatasheetde.com
| Japanese :
Alldatasheet.jp
Russian :
Alldatasheetru.com
| Korean :
Alldatasheet.co.kr
| Spanish :
Alldatasheet.es
| French :
Alldatasheet.fr
| Italian :
Alldatasheetit.com
Portuguese :
Alldatasheetpt.com
| Polish :
Alldatasheet.pl
| Vietnamese :
Alldatasheet.vn