Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT2511_0605 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part No. AAT2511_0605
Description  Dual 600mA, 1MHz Step-Down DC/DC Converter
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT2511_0605 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Absolute Maximum Ratings1
Thermal Information
Symbol
Description
Value
Units
PD
Maximum Power Dissipation
2
W
θJA
Thermal Resistance2
50
°C/W
Symbol
Description
Value
Units
VIN
VIN1, VIN2 to SGND1, SGND2, GND1, and GND2
6.0
V
VLX
LX1, LX2 to GND1, GND2
-0.3 to VP + 0.3
V
VFB
FB1 and FB2 to SGND1, SGND2, GND1, and GND2
-0.3 to VP + 0.3
V
VEN
EN1 and EN2 to SGND1, SGND2, GND1, and GND2
-0.3 to 6.0
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
TLEAD
Maximum Soldering Temperature (at leads, 10 sec)
300
°C
AAT2511
Dual 600mA, 1MHz Step-Down DC/DC Converter
2511.2006.05.1.4
3
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Mounted on an FR4 board with exposed paddle connected to ground plane.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM2717-ADJ_08Dual Step-Down DC/DC Converter Coming SoonNational Semiconductor (TI)
APW7134Dual 1.5MHz 600mA Synchronous Step-Down Converter 1 2 3 4 5 MoreKingbright Corporation
AAT1150_061MHz 1A Step-Down DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT1154_061MHz 3A Step-Down DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AP1604APWM/PFM DUAL MODE STEP-DOWN DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AAT1155_061MHz 2.5A Step-Down DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
LTC3407Dual Synchronous 600mA 1.5MHz Step-Down DC/DC Regulator 1 2 3 4 5 MoreLinear Technology
AAT2315_07Dual 600mA Step-Down Converter with Synchronization 1 2 3 4 5 MoreAdvanced Analogic Technologies
AAT2510_06Dual 400mA 1MHz Step-Down DC-DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn