Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H352JC Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H352JC
Description  QUAD CMOS-to-PECL TRANSLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H352JC Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H352JC Datasheet HTML 1Page - Micrel Semiconductor SY10H352JC Datasheet HTML 2Page - Micrel Semiconductor SY10H352JC Datasheet HTML 3Page - Micrel Semiconductor SY10H352JC Datasheet HTML 4Page - Micrel Semiconductor SY10H352JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10H352
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Symbol
Parameter
Value
Unit
VCC
Power Supply Voltage
–0.5 to +7.0
V
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
LEAD
Lead Temperature
+260
°C
(soldering, 20sec.)
Tstore
Storage Temperature
–65 to +150
°C
TA
Operating Temperature
0 to +85
°C
Note:
1. Permanent device damage may occur if absolute maximum ratings are
exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to absolute maximum ratlng conditions for
extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TRUTH TABLE
CS
D
Q
/Q
HL
L
H
HHH
L
H
Open
H
L
LXL
H
Open
L
L
H
Open
H
H
L
Open
Open
H
L
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Typ.
Max.
Min.
Max.
Unit
Condition
I
CC
Power Supply Current ECL(1)
45
——
45
45
mA
No output
TTL(2)
15
——
15
15
loads
I
R
Reverse Current
20
——
20
20
µA
(Pins 7, 8, 12, 14)
I
INH
Reverse Current, (Pin 9)
80
——
80
80
µA
I
F
Forward Current
—–0.6
——
–0.6
—–0.6
mA
(Pins 7, 8, 12, 14)
I
INL
Forward Current, (Pin 9)
—–2.4
——
–2.4
—–2.4
mA
V
BR(in)
Input Breakdown Voltage
5.5
5.5
——
5.5
V
V
I
Input Clamp Voltage
—–1.5
——
–1.5
—–1.5
V
I
IN = –18mA
V
OH
Output HIGH Voltage(3)
3.98
4.16
4.02
4.19
4.09
4.28
V
V
OL
Output LOW Voltage(3)
3.05
3.37
3.05
3.37
3.05
3.37
V
V
IH
Input HIGH Voltage
3.15
3.15
——
3.15
V
V
IL
Input LOW Voltage
1.5
——
1.5
1.5
V
DC ELECTRICAL CHARACTERISTICS
VCC1 = VCC2 = VCCE = VCCT = 4.75V to 5.25V
Notes:
1. Total ICC at VCC1, VCC2 and VCCE.
2. ICC at ICCT.
3. These values are for VCC = 5.0V. Level Specifications will vary 1:1 VCC.


Similar Part No. - SY10H352JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H350 MICREL-SY10H350 Datasheet
62Kb / 4P
   PECL-to-TTL TRANSLATOR
SY10H350 MICREL-SY10H350 Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350JC MICREL-SY10H350JC Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350JCTR MICREL-SY10H350JCTR Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
SY10H350JZ MICREL-SY10H350JZ Datasheet
63Kb / 5P
   PECL-to-TTL TRANSLATOR
More results

Similar Description - SY10H352JC

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10H352 ONSEMI-MC10H352 Datasheet
101Kb / 4P
   Quad CMOS to PECL* Translator
1996 REV 5
MC10H352 ONSEMI-MC10H352_06 Datasheet
135Kb / 6P
   Quad CMOS to PECL Translator
February, 2006 ??Rev. 7
MC10H351 ONSEMI-MC10H351 Datasheet
101Kb / 4P
   Quad TTL/NMOS to PECL Translator
1996 REV 5
MC10H351 ONSEMI-MC10H351_16 Datasheet
128Kb / 5P
   Quad TTL/NMOS to PECL Translator
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY10H351 MICREL-SY10H351_06 Datasheet
59Kb / 5P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
SY10H351 MICREL-SY10H351 Datasheet
60Kb / 4P
   QUAD TTL/NMOS-to-PECL TRANSLATOR
logo
Arizona Microtek, Inc
AZ10ELT22 AZM-AZ10ELT22_08 Datasheet
72Kb / 6P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20_08 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
AZ10ELT20 AZM-AZ10ELT20 Datasheet
113Kb / 10P
   CMOS/TTL to Differential PECL Translator
logo
List of Unclassifed Man...
AZ100ELT21 ETC1-AZ100ELT21 Datasheet
146Kb / 5P
   Differential PECL to CMOS/TTL Translator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com