Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT2315 Datasheet(PDF) 5 Page - Advanced Analogic Technologies

Part No. AAT2315
Description  Dual 600mA Step-Down Converter with Synchronization
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT2315 Datasheet(HTML) 5 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Electrical Characteristics
Efficiency vs. Load
(VOUT = 1.8V; L = 2.2µH; LL Mode)
Output Current (mA)
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
VIN = 5.0V
DC Regulation
(VOUT = 1.8V; L = 2.2µH; LL Mode)
Output Current (mA)
-0.8
-1.0
-0.6
-0.4
-0.2
0.2
0.0
0.4
0.6
0.8
1.0
0.1
1
10
100
1000
VIN = 5.0V
VIN = 4.2V
VIN = 3.3V
Efficiency vs. Load
(VOUT = 2.5V; L = 3.3µH; LL Mode)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
VIN = 5.0V
DC Regulation
(VIN = 3.3V to 5.5V; VOUT = 2.5V; L = 3.3µH; LL Mode)
Output Current (mA)
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
0.1
1
10
100
1000
Efficiency vs. Load
(VOUT = 3.3V; L = 4.7µH; LL Mode)
Output Current (mA)
30
40
50
60
70
80
90
100
0.1
1
10
100
1000
VIN = 3.6V
VIN = 4.2V
VIN = 5.0V
DC Regulation
(VIN = 5.0V; VOUT = 3.3V; L = 4.7µH; LL Mode)
Output Current (mA)
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0.1
1
10
100
1000
AAT2513
Dual 600mA Step-Down
Converter with Synchronization
2513.2007.04.1.1
5


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn