Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1156IVN-T1 Datasheet(PDF) 15 Page - Advanced Analogic Technologies

Part # AAT1156IVN-T1
Description  1MHz 700mA Step-Down DC-DC Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1156IVN-T1 Datasheet(HTML) 15 Page - Advanced Analogic Technologies

Back Button AAT1156IVN-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1156IVN-T1 Datasheet HTML 15Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
AAT1156
1MHz 700mA Step-Down DC-DC Converter
1156.2007.01.1.4
15
Ordering Information
Package Information3
All dimensions in millimeters.
Pin 1 Dot By Marking
3.000
± 0.05
0.500
± 0.05
Pin 1 Identification
C0.3
0.214
± 0.036
0.230
± 0.05
Top View
Bottom View
Side View
1
13
5
9
All AnalogicTech products are offered in Pb-free packaging. The term “Pb-free” means
semiconductor products that are in compliance with current RoHS standards, including
the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more
information, please visit our website at http://www.analogictech.com/pbfree.
Output Voltage
Package
Marking1
Part Number (Tape and Reel)2
0.6V (Adj VOUT
≥ 0.8V)
QFN33-16
LUXYY
AAT1156IVN-T1
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085
Phone (408) 737-4600
Fax (408) 737-4611
1. XYY = assembly and date code.
2. Sample stock is generally held on part numbers listed in BOLD.
3. The leadless package family, which includes QFN, TQFN, DFN, TDFN and STDFN, has exposed copper (unplated) at the end of the
lead terminals due to the manufacturing process. A solder fillet at the exposed copper edge cannot be guaranteed and is not required
to ensure a proper bottom solder connection.
© Advanced Analogic Technologies, Inc.
AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights,
or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice.
Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold sub-
ject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech
warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech’s standard warranty. Testing and other quality con-
trol techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
AnalogicTech and the AnalogicTech logo are trademarks of Advanced Analogic Technologies Incorporated. All other brand and product names appearing in this document are regis-
tered trademarks or trademarks of their respective holders.


Similar Part No. - AAT1156IVN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1156IVN-T1 ANALOGICTECH-AAT1156IVN-T1 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
More results

Similar Description - AAT1156IVN-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_06 Datasheet
562Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Infineon Technologies A...
TLD5045EJ INFINEON-TLD5045EJ_15 Datasheet
736Kb / 30P
   700mA High Integration - DC/DC Step-Down Converter
Revision 1.0 2015-05-28
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
logo
Advanced Analogic Techn...
AAT2510 ANALOGICTECH-AAT2510 Datasheet
614Kb / 20P
   Dual 400mA, 1MHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com