Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266SO16A Datasheet(PDF) 21 Page - Beken Corporation

Part # BK3266SO16A
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266SO16A Datasheet(HTML) 21 Page - Beken Corporation

Back Button BK3266SO16A Datasheet HTML 17Page - Beken Corporation BK3266SO16A Datasheet HTML 18Page - Beken Corporation BK3266SO16A Datasheet HTML 19Page - Beken Corporation BK3266SO16A Datasheet HTML 20Page - Beken Corporation BK3266SO16A Datasheet HTML 21Page - Beken Corporation BK3266SO16A Datasheet HTML 22Page - Beken Corporation BK3266SO16A Datasheet HTML 23Page - Beken Corporation BK3266SO16A Datasheet HTML 24Page - Beken Corporation BK3266SO16A Datasheet HTML 25Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 21 of 28
4.5.
BATTERY CHARGE
Parameter
Description
MIN
TYP
MAX
Unit
VCC5USB
Charger input voltage
4.75
5
5.75
V
I_trickle
Charge Current at trickle mode as
percent of fast charge mode
10
%
I_fast
Charge current at fast charge mode
40
220
mA
V_end(Need Calibrated)
VBAT voltage when Charge End
4.2
V
4.6.
Analog LDO/BUCK
System can choose the analog BUCK or LDO as the power supply of RF and Audio part.
Parameter
Description
MIN
TYP
MAX
Unit
Analog LDO
VDDANA
Analog LDO output voltage
1.6
1.8
2.4
V
Load Current
Load current
150
mA
Analog BUCK
VDDANA
Analog BUCK output voltage
1.6
1.8
2.4
V
Load Current
Load current
150
mA
Switching frequency
BUCK modulation frequency
0.5
1
6
MHz
4.7.
Digital LDO/BUCK
System can also choose the digital BUCK or LDO as the power supply for the Digital part.
Parameter
Description
MIN
TYP
MAX
Unit
Digital LDO
VDDDIG
Digital LDO output voltage
1
1.2
1.35
V
Load Current
Load current
40
mA
Digital BUCK
VDDDIG
Digital BUCK output voltage
1
1.2
1.35
V
Load Current
Load current
40
mA
Switching frequency
BUCK modulation frequency
0.5
1
6
MHz
4.8.
Crystal and Reference Clock
Parameter
Description
MIN
TYP
MAX
Unit
Frequency
Crystal and Reference frequency
-
26
-
MHz
Tolerance
Crystal and Reference frequency
tolerance
-10
-
+10
ppm
XI Pin
Input voltage range for reference
clock input
-0.3
3.6
V


Similar Part No. - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266SO16A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com