Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BK3266QN40 Datasheet(PDF) 7 Page - Beken Corporation

Part # BK3266QN40
Description  Bluetooth Audio SoC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEKEN [Beken Corporation]
Direct Link  http://www.bekencorp.com/en
Logo BEKEN - Beken Corporation

BK3266QN40 Datasheet(HTML) 7 Page - Beken Corporation

Back Button BK3266QN40 Datasheet HTML 3Page - Beken Corporation BK3266QN40 Datasheet HTML 4Page - Beken Corporation BK3266QN40 Datasheet HTML 5Page - Beken Corporation BK3266QN40 Datasheet HTML 6Page - Beken Corporation BK3266QN40 Datasheet HTML 7Page - Beken Corporation BK3266QN40 Datasheet HTML 8Page - Beken Corporation BK3266QN40 Datasheet HTML 9Page - Beken Corporation BK3266QN40 Datasheet HTML 10Page - Beken Corporation BK3266QN40 Datasheet HTML 11Page - Beken Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
BK3266 Datasheet
v 0.5
© 2017 Beken Corporation
Proprietary and Confidential
Page 7 of 28
9
GPIO15_GPIO3
GPIO15, also as GPIO3, SPI_SCK/ADC2/CLKOUT
Soft shut down and wake up (active high)
10
GPIO11_SD_CL
K
GPIO11,
JTAG_TCK/PWM2/ADC4/PCM_SYNC/SD_CLK//SPI2_
SCK
11
GPIO12_SD_CM
D
GPIO12,
JTAG_TMS/PWM3/PCM_CLK/SD_CMD/SPI2_MOSI
12
VDDDIG
Digital LDO output
13
SWD
Buck component
14
SWA
Buck component
15
VDDANA
Analog LDO output
16
VCC4BAT
Battery input
17
VCC3SYS
System LDO output
18
VCC5USB
USB charge power input
19
VDDALON
Always on power supply
20
VDDIO3VFLA
FLASH power supply
21
AUDRP
Audio right channel positive
22
AUDRN
Audio right channel negative
23
AUDLN
Audio left channel negative
24
AUDLP
Audio left channel positive
25
MICREF
Microphone reference voltage
26
MICRN
Microphone input negative
27
MICRP
Microphone input positive
28
GPIO7_USBDN
GPIO7, PWM1 / USBN
29
GPIO6_USBDP
GPIO6, PWM0 / USBP
30
VDDBT
Bluetooth RF LDO output
31
XO
Crystal output
32
XI
Crystal input


Similar Part No. - BK3266QN40

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
167Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L121-T TAIYO-YUDEN-BK32164L121-T_V01 Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
140Kb / 1P
   Multilayer Chip Bead Array Inductors (BK array series)
BK32164L181-T TAIYO-YUDEN-BK32164L181-T Datasheet
271Kb / 2P
   Multilayer Chip Bead Inductors (BK Array series)
More results

Similar Description - BK3266QN40

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BK8000L ETC2-BK8000L Datasheet
334Kb / 15P
   Bluetooth Audio SoC
BK3231S ETC2-BK3231S Datasheet
407Kb / 24P
   Bluetooth SoC
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
   Low Power Bluetooth Smart SoC with Audio Codec
DA14582 DIALOG-DA14582_16 Datasheet
1Mb / 172P
   Bluetooth Low Energy 4.2 SoC with Audio CODEC
logo
List of Unclassifed Man...
BK3231 ETC2-BK3231 Datasheet
150Kb / 12P
   Bluetooth HID SoC
logo
Beken Corporation
BK3254 BEKEN-BK3254 Datasheet
422Kb / 17P
   Bluetooth Multimedia SoC
0.5 2016/07/01
logo
Dialog Semiconductor
DA14580 DIALOG-DA14580_16 Datasheet
1Mb / 155P
   Bluetooth Low Energy 4.2 SoC
DA14681 DIALOG-DA14681 Datasheet
5Mb / 444P
   Bluetooth Low Energy 4.2 SoC
logo
Renesas Technology Corp
DA14530 RENESAS-DA14530 Datasheet
4Mb / 333P
   Low Power Bluetooth 5.1 SoC
21-Dec-2021
logo
List of Unclassifed Man...
NX5850 ETC2-NX5850 Datasheet
912Kb / 152P
   Digital Audio SoC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com