Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP51VKCTR Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # SY10EP51VKCTR
Description  5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP51VKCTR Datasheet(HTML) 2 Page - Micrel Semiconductor

  SY10EP51VKCTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP51VKCTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP51VKCTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP51VKCTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP51VKCTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP51VKCTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP51VKCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
ECL Pro™
SY10EP51V
Micrel, Inc.
M9999-112805
hbwhelp@micrel.com or (408) 955-1690
PACKAGE/ORDERING INFORMATION
Ordering Information(1)
Package
Operating
Package
Lead
Part Number
Type
Range
Marking
Finish
SY10EP51VKC
K8-1
Commercial
HP51
Sn-Pb
SY10EP51VKCTR(2)
K8-1
Commercial
HP51
Sn-Pb
SY10EP51VZC
Z8-1
Commercial
HEP51V
Sn-Pb
SY10EP51VZCTR(2)
Z8-1
Commercial
HEP51V
Sn-Pb
SY10EP51VKI
K8-1
Industrial
HP51
Sn-Pb
SY10EP51VKITR(2)
K8-1
Industrial
HP51
Sn-Pb
SY10EP51VZI
Z8-1
Industrial
HEP51V
Sn-Pb
SY10EP51VZITR(2)
Z8-1
Industrial
HEP51V
Sn-Pb
SY10EP51VKG(3)
K8-1
Industrial
HP51 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP51VKGTR(2, 3)
K8-1
Industrial
HP51 with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP51VZG(3)
Z8-1
Industrial
HEP51V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
SY10EP51VZGTR(2, 3)
Z8-1
Industrial
HEP51V with
Pb-Free
Pb-Free bar-line indicator
NiPdAu
Notes:
1. Contact factory for die availability. Dice are guaranteed at T
A = 25°C, DC Electricals only.
2. Tape and Reel.
3. Pb-Free package is recommended for new designs.
1
RESET
D
CLK
/CLK
8
VCC
Q
/Q
VEE
7
6
5
2
3
4
Flip
Flop
D
R
Available in 8-Pin SOIC and
MSOP Packages


Similar Part No. - SY10EP51VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP51VKCTR MICREL-SY10EP51VKCTR Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
More results

Similar Description - SY10EP51VKCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP51V MICREL-SY10EP51V_09 Datasheet
575Kb / 8P
   5V/3.3V D FLIP-FLOP WITH RESET AND DIFFERENTIAL CLOCK
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10EP53V MICREL-SY10EP53V Datasheet
52Kb / 5P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_05 Datasheet
86Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
SY10EP53V MICREL-SY10EP53V_08 Datasheet
64Kb / 6P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC10EP131 ONSEMI-MC10EP131 Datasheet
90Kb / 10P
   3.3V / 5V ECL Quad D Flip-Flop with Set, Reset, and Differential Clock
January, 2004 ??Rev. 7
logo
Micrel Semiconductor
SY10EP52V MICREL-SY10EP52V Datasheet
117Kb / 7P
   5V/3.3V DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP
logo
ON Semiconductor
MC10EP29 ONSEMI-MC10EP29 Datasheet
73Kb / 8P
   3.3V / 5V ECL Dual Differential Data and Clock D Flip-Flop With Set and Reset
September, 2002 ??Rev. 2
logo
Micrel Semiconductor
SY100EL29V MICREL-SY100EL29V Datasheet
65Kb / 4P
   5V/3.3V DUAL DIFFERENTIAL DATA AND CLOCK D FLIP-FLOP w/SET AND RESET
logo
ON Semiconductor
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com