Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1154 Datasheet(PDF) 12 Page - Advanced Analogic Technologies

Part # AAT1154
Description  1MHz 3A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1154 Datasheet(HTML) 12 Page - Advanced Analogic Technologies

Back Button AAT1154 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 13Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 14Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 15Page - Advanced Analogic Technologies AAT1154 Datasheet HTML 16Page - Advanced Analogic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Layout
Figures 2 and 3 display the suggested PCB layout
for the fixed output AAT1154. The following guide-
lines should be used to help ensure a proper layout.
1. The connection from the input capacitor to the
Schottky anode should be as short as possible.
2. The input capacitor should connect as closely
as possible to VP (Pins 5 and 8) and GND
(Pin 2).
3. C1, L1, and CR1 should be connected as
closely as possible. The connection from
the cathode of the Schottky to the LX node
should be as short as possible.
4. The feedback trace (Pin 1) should be separate
from any power trace and connect as closely
as possible to the load point. Sensing along a
high-current load trace can degrade DC load
regulation.
5. The resistance of the trace from the load return
to GND (Pin 2) should be kept to a minimum.
This will help to minimize any error in DC regu-
lation due to differences in the potential of the
internal reference ground and the load return.
6. R1 and C3 are required in order to provide
a cleaner power source for the AAT1154 con-
trol circuitry.
Thermal
The losses associated with the AAT1154 output
switching MOSFET are due to switching losses
and conduction losses. The conduction losses are
associated with the RDS(ON) characteristics of the
output switching device. At the full load condition,
assuming continuous conduction mode (CCM), an
accurate calculation of the RDS(ON) losses can be
derived from the following equations:
RDS(ON) losses
Internal switch RMS current
D is the duty cycle and VF is the forward drop of the
Schottky diode.
ΔI is the peak-to-peak inductor ripple current.
A simplified form of calculating the RDS(ON) and
switching losses is given by:
where IQ is the AAT1154 quiescent current.
Once the total losses have been determined, the
junction temperature can be derived. The thermal
resistance (
ΘJA) for the SOP-8 package mounted
on an FR4 printed circuit board in still air is
110°C/W.
TJ = P · ΘJA + TAMB
TAMB is the maximum ambient temperature and TJ
is the resultant maximum junction temperature.
2
O
DS(ON)
O
IN
IR
V
P =
+ tSW · FS · IO + IQ · VIN
V
·
OF
IN
F
VV
D
VV
+
=
+
2
2
12
RMS
O
I
II
D
⎛⎞
Δ
=+·
⎝⎠
2
ON
RMS
DS(ON)
PI
R
=
·
AAT1154
1MHz 3A Step-Down DC/DC Converter
12
1154.2006.09.1.6
Figure 2: AAT1154 Fixed Output
Figure 3: AAT1154 Fixed Output
Top Side Layout.
Bottom Side Layout.


Similar Part No. - AAT1154

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
AAT1154IAS-1.0-T1 ANALOGICTECH-AAT1154IAS-1.0-T1 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
AAT1154IAS-1.8-T1 ANALOGICTECH-AAT1154IAS-1.8-T1 Datasheet
482Kb / 18P
   1MHz 3A Buck DC/DC Converter
More results

Similar Description - AAT1154

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com