Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1154 Datasheet(PDF) 1 Page - Advanced Analogic Technologies

Part # AAT1154
Description  1MHz 3A Step-Down DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1154 Datasheet(HTML) 1 Page - Advanced Analogic Technologies

  AAT1154_06 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1154_06 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
SwitchReg
AAT1154
1MHz 3A Step-Down DC/DC Converter
1154.2006.09.1.6
1
General Description
The AAT1154 SwitchReg is a step-down switching
converter ideal for applications where high efficien-
cy, small size, and low ripple are critical. Able to
deliver 3A with an internal power MOSFET, the cur-
rent-mode controlled IC provides high efficiency.
Fully internally compensated, the AAT1154 simpli-
fies system design and lowers external parts count.
The AAT1154 is available in a Pb-free SOP-8 pack-
age and is rated over the -40°C to +85°C tempera-
ture range.
Features
•VIN Range: 2.7V to 5.5V
Fixed or Adjustable VOUT: 1.0V to 4.2V
3A Output Current
Up to 95% Efficiency
Integrated Low On Resistance Power Switch
Internally Compensated Current Mode Control
1MHz Switching Frequency
Constant Pulse Width Modulation (PWM)
Mode
Low Output Ripple With Light Load
Internal Soft Start
Current Limit Protection
Over-Temperature Protection
SOP-8 Package
-40°C to +85°C Temperature Range
Applications
Cable/DSL Modems
Computer Peripherals
High Efficiency Conversion from 5V or 3.3V
Supply
Network Cards
Set-Top Boxes
Typical Application
OUTPUT
INPUT
1.5
μH
120
μF
LX
VP
FB
GND
AAT1154
VCC
EN
10
μF
0.1
μF
100
Ω


Similar Part No. - AAT1154_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
More results

Similar Description - AAT1154_06

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Diodes Incorporated
AP3441 DIODES-AP3441_V01 Datasheet
776Kb / 13P
   1MHZ, 3A STEP-DOWN DC-DC BUCK CONVERTER
Rev. 3 - 2 September 2019
logo
Anpec Electronics Corop...
APW7093 ANPEC-APW7093 Datasheet
728Kb / 20P
   3A, 1MHz, Step Down DC/DC Regulator
logo
Advanced Analogic Techn...
AAT1156 ANALOGICTECH-AAT1156 Datasheet
425Kb / 14P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150 Datasheet
279Kb / 16P
   1MHz 1A Step-Down DC/DC Converter
AAT1156 ANALOGICTECH-AAT1156_07 Datasheet
624Kb / 15P
   1MHz 700mA Step-Down DC-DC Converter
AAT1150 ANALOGICTECH-AAT1150_06 Datasheet
662Kb / 17P
   1MHz 1A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155_06 Datasheet
536Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
AAT1155 ANALOGICTECH-AAT1155 Datasheet
389Kb / 17P
   1MHz 2.5A Step-Down DC/DC Converter
logo
Skyworks Solutions Inc.
AAT2511 SKYWORKS-AAT2511 Datasheet
1Mb / 19P
   Dual 600mA, 1MHz Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com