Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BZA462A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BZA462A
Description  Quadruple ESD transient voltage suppressor
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BZA462A Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1999 May 25
4
Philips Semiconductors
Product specification
Quadruple ESD transient voltage suppressor
BZA462A
Fig.2
Maximum non-repetitive peak reverse
current as a function of pulse time.
handbook, halfpage
10
1
MBK479
10−1
1
IZSM
(A)
tp (ms)
10
Fig.3 Power derating curve.
All diodes loaded.
handbook, halfpage
0
50
100
200
1000
0
Ptot
(mW)
Ts (
oC)
800
150
600
400
200
MDA198
Fig.4
Maximum non-repetitive peak reverse
power dissipation as a function of pulse
duration (square pulse).
PZSM =VZSM × IZSM.
VZSM is the non-repetitive peak reverse voltage at IZSM.
handbook, halfpage
102
10
1
PZSM
(W)
tp (ms)
MBK481
10−1
110
Fig.5
Diode capacitance as a function of reverse
voltage; typical values.
Tj =25 °C; f = 1 MHz.
handbook, halfpage
06
5
200
0
Cd
(pF)
VR (V)
40
80
120
160
1
234
MBK480


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn