Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1152 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part No. AAT1152
Description  850kHz 1A Buck DC/DC Converter
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT1152 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
AAT1152
850kHz 1A Buck DC/DC Converter
6
1152.2006.09.1.7
Typical Characteristics
Efficiency vs. Input Voltage
(VOUT = 1.5V)
50
60
70
80
90
100
2.5
3
3.5
4
4.5
5
5.5
Input Voltage (V)
IO = 1A
IO = 0.4A
Load Regulation
(VOUT = 3.3V; VIN = 5.0V)
-5
-4
-3
-2
-1
0
0
150
300
450
600
750
900
1050
Output Current (A)
Load Regulation
(VOUT = 1.5V; VIN = 3.6V)
-5
-4
-3
-2
-1
0
0
150
300
450
600
750
900
IOUT (mA)
Line Regulation
(VOUT = 1.5V)
-0.25
-0.15
-0.05
0.05
0.15
0.25
2.5
3
3.5
4
4.5
5.5
5
Input Voltage (V)
IOUT = 0.4A
IOUT = 1.0A
Output Voltage vs. Temperature
(IOUT = 900mA; VOUT = 1.5V)
-1.0
-0.6
-0.2
0.2
0.6
1.0
-20
0
20
40
60
80
100
Temperature (
°C)
VIN = 2.7V
VIN = 3.6V
Oscillator Frequency Variation vs. Temperature
(VIN = 3.6V)
-10
-6
-2
2
6
10
-20
0
20
40
60
80
100
Temperature (
°C)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AAT1151_07850kHz 700mA Synchronous Buck DC/DC Converter 1 2 3 4 5 MoreAdvanced Analogic Technologies
AX1509150KHz 2A PWM Buck DC/DC Converter 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AME5104DC/DC Buck Converter 1 2 3 4 5 MoreAnalog Microelectronics
AP1506150KHz 3A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1507150KHz 3A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1509150KHz 2A PWM BUCK DC/DC CONVERTER 1 2 3 4 5 MoreDiodes Incorporated
AP1501_1150Khz 3A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp
AP1501A_1150Khz 5A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp
AP1506_1150KHz 3A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp
AP151250KHz 2A/3A PWM Buck DC/DC Converter 1 2 3 4 5 MoreAnachip Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn