Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1151 Datasheet(PDF) 2 Page - Advanced Analogic Technologies

Part # AAT1151
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151 Datasheet(HTML) 2 Page - Advanced Analogic Technologies

  AAT1151 Datasheet HTML 1Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 2Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 3Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 4Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
AAT1151
850kHz 700mA Synchronous
Buck DC/DC Converter
2
1151.2007.01.1.6
Pin Descriptions
Pin Configuration
MSOP-8
QFN33-16
(Top view)
(Top view)
VP
VP
VP
PGND
PGND
PGND
1
2
3
4
12
11
10
9
VCC
FB
LX
PGND
LX
VP
FB
SGND
EN
VCC
1
2
3
4
8
7
6
5
Pin #
MSOP-8
QFN33-16
Symbol
Function
1
4
FB
Feedback input pin. This pin is connected to the converter output. It
is used to set the output of the converter to regulate to the desired
value via an internal resistive divider. For an adjustable output, an
external resistive divider is connected to this pin on the 1V model.
2
5, 6
SGND
Signal ground. Connect the return of all small signal components to
this pin. (See board layout rules.)
3
7
EN
Enable input pin. A logic high enables the converter; a logic low
forces the AAT1151 into shutdown mode reducing the supply current
to less than 1μA. The pin should not be left floating.
4
9
VCC
Bias supply. Supplies power for the internal circuitry. Connect to input
power via low pass filter with decoupling to SGND.
5
10, 11, 12
VP
Input supply voltage for the converter power stage. Must be closely
decoupled to PGND.
6, 7
13, 14, 15
LX
Connect inductor to these pins. Switching node internally connected
to the drain of both high- and low-side MOSFETs.
8
1, 2, 3
PGND
Main power ground return pin. Connect to the output and input
capacitor return. (See board layout rules.)
8, 16
NC
Not internally connected.
EP
Exposed paddle (bottom); connect to PGND directly beneath package.


Similar Part No. - AAT1151

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1151IKS-1.0-T1 ANALOGICTECH-AAT1151IKS-1.0-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151IKS-1.8-T1 ANALOGICTECH-AAT1151IKS-1.8-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151IKS-1.8-T1 SKYWORKS-AAT1151IKS-1.8-T1 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com