Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AAT1151 Datasheet(PDF) 9 Page - Advanced Analogic Technologies

Part # AAT1151
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT1151 Datasheet(HTML) 9 Page - Advanced Analogic Technologies

Back Button AAT1151_07 Datasheet HTML 5Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 6Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 7Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 8Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 9Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 10Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 11Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 12Page - Advanced Analogic Technologies AAT1151_07 Datasheet HTML 13Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AAT1151
850kHz 700mA Synchronous
Buck DC/DC Converter
1151.2007.01.1.6
9
Current Limit and Over-Temperature
Protection
For overload conditions, the peak input current is
limited. As load impedance decreases and the
output voltage falls closer to zero, more power is
dissipated internally, raising the device tempera-
ture. Thermal protection completely disables
switching when internal dissipation becomes
excessive, protecting the device from damage.
The junction over-temperature threshold is 140°C
with 10°C of hysteresis.
Inductor
The output inductor is selected to limit the ripple cur-
rent to some predetermined value, typically 20% to
40% of the full load current at the maximum input
voltage. Manufacturer's specifications list both the
inductor DC current rating, which is a thermal limita-
tion, and the peak current rating, which is deter-
mined by the saturation characteristics. The inductor
should not show any appreciable saturation under
normal load conditions. During overload and tran-
sient conditions, the average current in the inductor
can meet or exceed the current limit point of the
AAT1151. These conditions can tolerate greater sat-
uration in the inductor without degradation in con-
verter performance. Some inductors may meet the
peak and average current ratings yet result in exces-
sive losses due to a high DCR. Always consider the
losses associated with the DCR and its effect on the
total converter efficiency when selecting an inductor.
For a 1.0A load and the ripple set to 40% at the
maximum input voltage, the maximum peak-to-
peak ripple current is 280mA. The inductance
value required is 2.84μH.
The factor "k" is the fraction of full load selected for
the ripple current at the maximum input voltage. For
ripple current at 40% of the full load current, the
peak current will be 120% of full load. Selecting a
standard value of 3.0μH gives 38% ripple current. A
3.0μH inductor selected from the Sumida
CDRH5D28 series has a 24m
Ω DCR and a 2.4A DC
current rating. At full load, the inductor DC loss is
24mW, which amounts to a 1.6% loss in efficiency.
L =
• 1 -
V
OUT
V
OUT
I
O • k • FS
V
IN
=
• 1 -
1.5V
1.5V
1A • 0.4 • 850kHz
4.2V
⎛⎞
⎝⎠
⎛⎞ ⎛
⎝⎠ ⎝
= 2.84
μH
Figure 1: AAT1151 Evaluation Board.
Efficiency vs. Load Current
(VOUT = 1.8V)
50
60
70
80
90
100
1
10
100
1000
Load Current (mA)
2.7V
3.6V
4.2V
L1
3.3
μH
C3, C4
2x22
μF
C1
10
μF
R1
100
C2
0.1
μF
C1 Murata 10
μF 6.3V X5R GRM42-6X5R106K6.3
R2
100k
C3-C4 MuRata 22
μF 6.3V GRM21BR60J226ME39L X5R 0805
1.8V
2.7V-4.2V
OUT
4
GND
5
EN
7
VCC
9
VP
10
LX
13
LX
14
PGND
3
VP
11
GND
6
PGND
2
LX
15
N/C
16
PGND
1
N/C
8
VP
12
U1
AAT1151-QFN
R6
100k
L1 Sumida CDRH3D16-4R7NC or CDRH3D16-3R3NC


Similar Part No. - AAT1151_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151IKS-1.0-T1 ANALOGICTECH-AAT1151IKS-1.0-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151IKS-1.8-T1 ANALOGICTECH-AAT1151IKS-1.8-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151IKS-1.8-T1 SKYWORKS-AAT1151IKS-1.8-T1 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1151IKS-2.5-T1 ANALOGICTECH-AAT1151IKS-2.5-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
AAT1151IKS-3.3-T1 ANALOGICTECH-AAT1151IKS-3.3-T1 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
More results

Similar Description - AAT1151_07

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1151 ANALOGICTECH-AAT1151 Datasheet
385Kb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Skyworks Solutions Inc.
AAT1151 SKYWORKS-AAT1151 Datasheet
1Mb / 16P
   850kHz 700mA Synchronous Buck DC/DC Converter
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152 Datasheet
335Kb / 18P
   850kHz 1A Synchronous Buck DC/DC Converter
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN24 SIGE-AATIAN24 Datasheet
124Kb / 4P
   850kHz 700mA Buck Regulator
AATIAN25 SIGE-AATIAN25 Datasheet
121Kb / 5P
   850kHz 700mA Buck Regulator
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Diodes Incorporated
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
   SYNCHRONOUS DC-DC BUCK CONVERTER
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
   SYNCHRONOUS DC/DC BUCK CONVERTER
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
   Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com