Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AAT1151 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part No. AAT1151
Description  850kHz 700mA Synchronous Buck DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANALOGICTECH [Advanced Analogic Technologies]
Homepage  http://www.analogictech.com
Logo 

AAT1151 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AAT1151
850kHz 700mA Synchronous
Buck DC/DC Converter
1151.2007.01.1.6
3
Absolute Maximum Ratings1
Thermal Characteristics3
Recommended Operating Conditions
Symbol
Description
Value
Units
T
Ambient Temperature Range
-40 to 85
°C
Symbol
Description
Value
Units
ΘJA
Thermal Resistance
MSOP-8
150
°C/W
QFN33-16
50
PD
Maximum Power Dissipation (TA = 25°C)4
MSOP-8
667
mW
QFN33-16
2.0
W
Symbol
Description
Value
Units
VCC, VP
VCC, VP to GND
6
V
VLX
LX to GND
-0.3 to VP + 0.3
V
VFB
FB to GND
-0.3 to VCC + 0.3
V
VEN
EN to GND
-0.3 to 6
V
TJ
Operating Junction Temperature Range
-40 to 150
°C
VESD
ESD Rating2 - HBM
3000
V
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at condi-
tions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time.
2. Human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin.
3. Mounted on a demo board.
4. Derate 6.7mW/°C above 25°C.
5. Derate 20mW/°C above 25°C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn