Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EL89ZITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10EL89ZITR
Description  COAXIAL CABLE DRIVER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EL89ZITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10EL89ZITR Datasheet HTML 1Page - Micrel Semiconductor SY10EL89ZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EL89ZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EL89ZITR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10EL89
Micrel
PRODUCT ORDERING CODE
Ordering
Package
Operating
Marking
Code
Type
Range
Code
SY10EL89ZC
Z8-1
Commercial
HEL89
SY10EL89ZCTR*
Z8-1
Commercial
HEL89
*Tape and Reel
150
Ω 150Ω
VEE
EL89
75
Ω COAX
75
Ω COAX
0.1
µF
0.1
µF
DC BLOCKING CAPACITORS
75
75
Figure 1. Termination Configuration
DC BLOCKING CAPACITORS
Note 1.
Recommended for new designs.
Ordering
Package
Operating
Marking
Code
Type
Range
Code
SY10EL89ZI(1)
Z8-1
Industrial
HEL89
SY10EL89ZITR*(1)
Z8-1
Industrial
HEL89


Similar Part No. - SY10EL89ZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL89ZC MICREL-SY10EL89ZC Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
SY10EL89ZCTR MICREL-SY10EL89ZCTR Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
More results

Similar Description - SY10EL89ZITR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89 Datasheet
86Kb / 3P
   Coaxial Cable Driver
1996 REV 2
logo
Micrel Semiconductor
SY10EL89 MICREL-SY10EL89 Datasheet
54Kb / 4P
   COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EP89 ONSEMI-MC10EP89 Datasheet
97Kb / 8P
   Coaxial Cable Driver
December, 1999 ??Rev. 1
MC10EP89 ONSEMI-MC10EP89_09 Datasheet
120Kb / 11P
   ECL Coaxial Cable Driver
February, 2008 - Rev. 7
MC10EL89 ONSEMI-MC10EL89_06 Datasheet
136Kb / 8P
   5V ECL Coaxial Cable Driver
December, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89_12 Datasheet
437Kb / 6P
   PECL/ECL Coaxial Cable Driver
logo
List of Unclassifed Man...
AZ10EL89 ETC1-AZ10EL89 Datasheet
134Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Arizona Microtek, Inc
AZ10EL89 AZM-AZ10EL89 Datasheet
115Kb / 4P
   ECL/PECL Coaxial Cable Driver
logo
Micrel Semiconductor
SY10EP89V MICREL-SY10EP89V Datasheet
86Kb / 7P
   5V/3.3V 3GHz COAXIAL CABLE DRIVER
logo
ON Semiconductor
MC10EL89 ONSEMI-MC10EL89_16 Datasheet
146Kb / 6P
   5V ECL Coaxial Cable Driver
July, 2016 ??Rev. 10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com