Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100H646LJCTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100H646LJCTR
Description  3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100H646LJCTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100H646LJCTR Datasheet HTML 1Page - Micrel Semiconductor SY100H646LJCTR Datasheet HTML 2Page - Micrel Semiconductor SY100H646LJCTR Datasheet HTML 3Page - Micrel Semiconductor SY100H646LJCTR Datasheet HTML 4Page - Micrel Semiconductor SY100H646LJCTR Datasheet HTML 5Page - Micrel Semiconductor SY100H646LJCTR Datasheet HTML 6Page - Micrel Semiconductor SY100H646LJCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Precision Edge®
SY10H646L
SY100H646L
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
OGND
TTL Output Ground (0V)
OVT
TTL Output VCC (+3.0V)
IGND
Internal TTL GND (0V)
IVT
Internal TTL VCC (+3.0V)
VEE
ECL VEE (0V)
VCCE
ECL Ground (+3.0V)
ECLK, ECLK
Differential Signal Input (PECL)
VBB
VBB Reference Output
Q0–Q7
Signal Outputs (TTL)
EN
Three-State Enable Input (TTL)
TCLK
Signal Input (TTL)
DESCRIPTION
FEATURES
s 3.3V power supply
s PECL/TTL-to-TTL version of popular ECLinPS
E111AE/LE
s Guaranteed low skew specification
s Three-state enable
s Differential internal design
s VBB output for single-ended operation
s Extra TTL and ECL power/ground pins
s Choice of ECL compatibility: 10K or 100K
s Matched high and low output impedance
s Available in 28-pin PLCC package
The SY10/100H646L are single supply, low skew
translating 1:8 clock drivers. Devices in the Micrel H600
translator series utilize the 28-lead PLCC for optimal
power pinning, signal flow-through and electrical
performance. The single supply H646L is similar to the
HA643 which is a dual supply 1:8 version of the same
function.
These devices feature a 24mA TTL output stage, with
AC performance specified into a 20pF load capacitance.
The 10H version is compatible with 10K ECL logic
levels. The 100H version is compatible with 100K levels.
Rev.: F
Amendment: /0
Issue Date:
March 2006
BLOCK DIAGRAM
PIN NAMES
Precision Edge®
SY10H646L
SY100H646L
3.3V SINGLE SUPPLY
OCTAL PECL/TTL-TO-TTL
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
TCLK
ECLK
ECLK
EN
VBB
Precision Edge is a registered trademark of Micrel, Inc.
Precision Edge®


Similar Part No. - SY100H646LJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100H646LJCTR MICREL-SY100H646LJCTR Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results

Similar Description - SY100H646LJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com