Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP33VKGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY100EP33VKGTR
Description  5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP33VKGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY100EP33VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 6Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 7Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 8Page - Micrel Semiconductor SY100EP33VKGTR Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Precision Edge®
SY10EP33V
SY100EP33V
Micrel, Inc.
M9999-071906
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
36
26
36
36
mA
VOH
Output HIGH Voltage(3)
3865
3990
4115
3930
4055
4180
3990
4115
4240
mV
VOL
Output LOW Voltage(3)
3065
3190
3315
3130
3255
3380
3190
3315
3440
mV
VIH
Input HIGH Voltage
3790
4115
3855
4180
3915
4240
mV
(Single-Ended)
VIL
Input LOW Voltage
3065
3390
3130
3455
3190
3515
mV
(Single-Ended)
VBB
Output Voltage
3490
3590
3690
3555
3655
3755
3615
3715
3815
mV
VIHCMR
Input HIGH Voltage(4)
Common Mode Range
2.0
VCC
2.0
VCC
2.0
VCC
V
(Differential)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW
RESET, CLK
0.5
0.5
0.5
µA
Current
/CLK
–150
–150
–150
Notes:
1. 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a
test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
2. Input and output parameters vary 1:1 with VCC.
3. All loading with 50
Ω to V
CC –2.0V.
4. The VIHCMR range is referenced to the most positive side of the differential input signal.
(10EP) PECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = +5.0V ±10%; VEE = 0V
(2)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
IEE
Power Supply Current
36
26
36
36
mA
VOH
Output HIGH Voltage(3)
–1135
–1010
–885
–1070
–945
–820
–1010
–885
–760
mV
VOL
Output LOW Voltage(3)
–1935
–1810
–1685
–1870
–1745
–1620
–1810
–1685
–1560
mV
VIH
Input HIGH Voltage
–1210
–885
–1145
–820
–1085
–760
mV
(Single-Ended)
VIL
Input LOW Voltage
–1935
–1610
–1870
–1545
–1810
–1485
mV
(Single-Ended)
VBB
Output Voltage
–1510
–1410
–1310
–1445
–1345
–1245
–1385
–1285
–1185
mV
VIHCMR
Input HIGH Voltage(4)
Common Mode Range
VEE +2.0
0.0
VEE +2.0
0.0
VEE +2.0
0.0
V
(Differential)
IIH
Input HIGH Current
150
150
150
µA
IIL
Input LOW
RESET, CLK
0.5
0.5
0.5
µA
Current
/CLK
–150
–150
–150
Notes:
1. 10EP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit is in a
test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
2. Input and output parameters vary 1:1 with VCC.
3. All loading with 50
Ω to V
CC –2.0V.
4. VIHCMR (Min) varies 1:1 with VEE. The VIHCMR range is referenced to the most positive side of the differential input signal.
(10EP) ECL/LVECL DC ELECTRICAL CHARACTERISTICS(1)
VCC = 0V; VEE = –3.3V to –5.0V ±10%
(2)


Similar Part No. - SY100EP33VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP33VKGTR MICREL-SY100EP33VKGTR Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results

Similar Description - SY100EP33VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com