Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100H842L Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100H842L
Description  3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100H842L Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100H842L Datasheet HTML 1Page - Micrel Semiconductor SY100H842L Datasheet HTML 2Page - Micrel Semiconductor SY100H842L Datasheet HTML 3Page - Micrel Semiconductor SY100H842L Datasheet HTML 4Page - Micrel Semiconductor SY100H842L Datasheet HTML 5Page - Micrel Semiconductor SY100H842L Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Precision Edge®
SY10H842L
SY100H842L
Micrel, Inc.
M9999-102606
hbwhelp@micrel.com or (408) 955-1690
Pin
Symbol
Description
1GT
TTL Ground (0V)
2EN
Enable Input (PECL)
3GE
ECL Ground (0V)
4VE
ECL VCC (+3.3V)
5D
ECL Signal Input (Non-inverting)
6D
ECL Signal Input (Inverting)
7VBB
VBB Reference Output (PECL)
8GT
TTL Ground (0V)
9Q0
Signal Output (TTL)
10
GT
TTL Ground (0V)
11
Q1
Signal Output (TTL)
12
VT
TTL VCC (+3.3V)
13
VT
TTL VCC (+3.3V)
14
Q2
Signal Output (TTL)
15
GT
TTL Ground (0V)
16
Q3
Signal Output (TTL)
TRUTH TABLE
DEN
Q
LL
L
HL
H
XH
L
PIN DESCRIPTION
DC CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
Power Supply Current
ECL
35
35
35
mA
VE Pin
ICCH
Power Supply Current
TTL
20
20
20
mA
Total all VT pins
ICCL
—25
25
25
Symbol
Rating
Value
Unit
VE (ECL)
Power Supply
–0.5 to +7.0
V
VT (TTL)
Voltage
–0.5 to +7.0
VI (ECL)
Input Voltage
0.0 to VEE
V
VOUT (TTL)
0.0 to VT
TLEAD
Lead Temperature
+260
˚C
Range (soldering, 20sec.)
Tstore
Storage Temperature
–65 to +150
˚C
TA
Operating Temperature
SY10H842L
0 to +85
˚C
SY100H842L
–40 to +85
˚C
Note:
1. Permanent device damage may occur if absolute maximum ratings are
exceeded. This is a stress rating only and functional operation is not
implied at conditions other than those detailed in the operational sections
of this data sheet. Exposure to absolute maximum ratlng conditions for
extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
VT = VE = +3.0V to +3.6V
TTL DC ELECTRICAL CHARACTERISTICS
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VOH
Output HIGH Voltage
2.0
2.0
2.0
V
IOH = –3.0mA
VOL
Output LOW Voltage
0.5
0.5
0.5
V
IOL = 24mA
IOS
Output Short Circuit Current
–80
–80
–80
mA
VOUT = 0V
VT = VE = +3.0V to +3.6V


Similar Part No. - SY100H842L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100H842LZC MICREL-SY100H842LZC Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY100H842LZCTR MICREL-SY100H842LZCTR Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY100H842L

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842 MICREL-SY10H842_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H646L MICREL-SY10H646L_06 Datasheet
78Kb / 7P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com