Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H646LJCTR Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10H646LJCTR
Description  3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H646LJCTR Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10H646LJCTR Datasheet HTML 1Page - Micrel Semiconductor SY10H646LJCTR Datasheet HTML 2Page - Micrel Semiconductor SY10H646LJCTR Datasheet HTML 3Page - Micrel Semiconductor SY10H646LJCTR Datasheet HTML 4Page - Micrel Semiconductor SY10H646LJCTR Datasheet HTML 5Page - Micrel Semiconductor SY10H646LJCTR Datasheet HTML 6Page - Micrel Semiconductor SY10H646LJCTR Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Precision Edge®
SY10H646L
SY100H646L
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
IVT = OVT = VCCE = 3.0V to 3.6V
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
tPLH
Propagation Delay ECLK to Q
2.3
3.3
2.25
3.25
2.2
3.2
ns
CL = 20pF
tPHL
TCLK to Q
2.3
3.3
2.25
3.25
2.2
3.2
tskpp
Part-to-Part Skew(1,4)
——
0.5
——
0.5
——
0.5
ns
CL = 20pF
tskew++
Within-Device Skew(2,4)
——
0.3
——
0.3
——
0.3
ns
CL = 20pF
tskew– –
Within-Device Skew(3,4)
——
0.3
——
0.3
——
0.3
ns
CL = 20pF
tr
Rise
0.8V to 2.0V
0.3
1.5
0.3
1.5
0.3
1.5
ns
CL = 20pF
tf
Fall Time
0.8V to 2.0V
0.3
1.5
0.3
1.5
0.3
1.5
ns
CL = 20pF
tPW
Output Pulse Width
ns
CL = 20pF
66MHz @ 2.0V
5.5
——
5.5
——
5.5
——
66MHz @ 0.8V
5.5
——
5.5
——
5.5
——
60MHz @ 2.0V
6.0
——
6.0
——
6.0
——
60MHz @ 0.8V
6.0
——
6.0
——
6.0
——
tStability
Clock Stability(7)
——
±75
——
±75
——
±75
ps
CL = 20pF
fMAX
Maximum Input Frequency(5,6)
160
——
160
——
160
——
MHz
CL = 20pF
AC ELECTRICAL CHARACTERISTICS
Notes:
1. Device-to-Device Skew considering HIGH-to-HIGH or LOW-to-LOW transitions at common VCC level.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
3. Within-Device Skew considering LOW-to-LOW transitions at common VCC level.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.
7. Clock stability is the period variation between two successive rising edges.


Similar Part No. - SY10H646LJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H646LJCTR MICREL-SY10H646LJCTR Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
More results

Similar Description - SY10H646LJCTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H646L MICREL-SY10H646L Datasheet
92Kb / 6P
   3.3V SINGLE SUPPLY OCTAL PECL/TTL-TO-TTL
SY10H641L MICREL-SY10H641L Datasheet
86Kb / 5P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY10H641L MICREL-SY10H641L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY 1:9 PECL-TO-TTL
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY10H641 MICREL-SY10H641 Datasheet
84Kb / 5P
   SINGLE SUPPLY 1:9 PECL-TO-TTL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com