Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H606JZTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H606JZTR
Description  REGISTERED HEX TTL-TO-PECL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H606JZTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H606JZTR Datasheet HTML 1Page - Micrel Semiconductor SY10H606JZTR Datasheet HTML 2Page - Micrel Semiconductor SY10H606JZTR Datasheet HTML 3Page - Micrel Semiconductor SY10H606JZTR Datasheet HTML 4Page - Micrel Semiconductor SY10H606JZTR Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
SY10H606
SY100H606
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IIH
Input HIGH Current
225
145
145
µA
IIL
Input LOW Current
0.5
0.5
0.5
µA
VIH
Input HIGH Voltage
3830
4160
3870
4190
3930
4280
mV
VCCT = 5.0V
VIL
Input LOW Voltage
3050
3520
3050
3520
3050
3555
mV
VCCT = 5.0V
VOH
Output HIGH Voltage
3980
4160
4020
4190
4080
4270
mV
VCCT = 5.0V
VOL
Output LOW Voltage
3050
3370
3050
3370
3050
3400
mV
VCCT = 5.0V
VBB
Output Bias Voltage
3620
3730
3650
3750
3690
3810
mV
VCCT = 5.0V
Note:
1. PECL VIL, VIH, VOL, VOH, VBB are given for VCCT = VCCE = 5.0V and will vary 1:1 with power supply.
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
ICCTL
Supply Current
18
30
18
30
18
30
mA
Outputs LOW
ICCTH
Supply Current
13
25
13
25
13
25
mA
Outputs HIGH
IGND
Supply Current
75
90
75
90
75
95
mA
10H PECL DC ELECTRICAL CHARACTERISTICS(1)
VCCT = VCCE = 5.0V
±5%
DC ELECTRICAL CHARACTERISTICS
TTL DC ELECTRICAL CHARACTERISTICS
VCCT = VCCE = 5.0V
±5%
TA= 0
°CTA= +25°CTA= + 85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
VIH
Input HIGH Voltage
2.0
2.0
2.0
V
VIL
Input LOW Voltage
0.8
0.8
0.8
V
VIK
Input Clamp Voltage
—–1.2
—–1.2
—–1.2
V
IIN = –18mA
IIH
Input HIGH Current
20
20
20
µAVIN = 2.7V
100
100
100
VIN = 7.0V
IIL
Input LOW Current
—–0.6
—–0.6
—–0.6
mA
VIN = 0.5V
VCCT = VCCE = 5.0V
±5%
Dn
MR
TCLK/CLK
Qn + 1
LL
Z
L
HL
Z
H
XH
X
L
TRUTH TABLE
Z = Low to High Transition.


Similar Part No. - SY10H606JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H606JZTR MICREL-SY10H606JZTR Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
More results

Similar Description - SY10H606JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
   REGISTERED HEX PECL-TO-TTL
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com