Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H842 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY10H842
Description  SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H842 Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY10H842_06 Datasheet HTML 1Page - Micrel Semiconductor SY10H842_06 Datasheet HTML 2Page - Micrel Semiconductor SY10H842_06 Datasheet HTML 3Page - Micrel Semiconductor SY10H842_06 Datasheet HTML 4Page - Micrel Semiconductor SY10H842_06 Datasheet HTML 5Page - Micrel Semiconductor SY10H842_06 Datasheet HTML 6Page - Micrel Semiconductor SY10H842_06 Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Precision Edge®
SY10H842
SY100H842
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
VT = VE = 5.0V
± 5%
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPLH
Propagation Delay
Q0–Q3
2.5
3.5
2.5
3.5
2.5
3.5
ns
CL = 50pF
tPHL
D to Output
tskpp
Part-to-Part Skew(1,4)
Q0–Q3
0.5
0.5
0.5
ns
CL = 50pF
tskew++
Within-Device Skew(2,4)
Q0–Q3
0.3
0.3
0.3
ns
CL = 50pF
tskew– –
Within-Device Skew(3,4)
Q0–Q3
0.3
0.3
0.3
ns
CL = 50pF
tPLH
Propagation Delay
Q0–Q3
2.5
3.5
2.5
3.5
2.5
3.5
ns
CL = 50pF
tPHL
EN to Output
tr
Output Rise/Fall Time
Q0–Q3
1.5
1.5
1.5
ns
CL = 50pF
tf
1.0V to 2.0V
fMAX
Max. Input Frequency(5,6)
Q0–Q3
160
160
160
MHz
CL = 50pF
AC CHARACTERISTICS
Notes:
1. Device-to-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
2. Within-Device Skew considering HIGH-to-HIGH transitions at common VCC level.
3. Within-Device Skew considering LOW-to-LOW transitions at common VCC level.
4. All skew parameters are guaranteed but not tested.
5. Frequency at which output levels will meet a 0.8V to 2.0V minimum swing.
6. The fMAX value is specified as the minimum guaranteed maximum frequency. Actual operational maximum frequency may be greater.


Similar Part No. - SY10H842_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZC MICREL-SY10H842LZC Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZC MICREL-SY10H842LZC Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842LZCTR MICREL-SY10H842LZCTR Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
More results

Similar Description - SY10H842_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H842 MICREL-SY10H842 Datasheet
81Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L_06 Datasheet
75Kb / 6P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H842L MICREL-SY10H842L Datasheet
77Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL OUTPUT ENABLE
SY10H841 MICREL-SY10H841_06 Datasheet
68Kb / 7P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841 MICREL-SY10H841 Datasheet
72Kb / 6P
   SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY10H841L MICREL-SY10H841L Datasheet
78Kb / 5P
   3.3V SINGLE SUPPLY QUAD PECL-TO-TTL W/LATCHED OUTPUT ENABLE
SY100S815 MICREL-SY100S815 Datasheet
67Kb / 4P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S815 MICREL-SY100S815_06 Datasheet
60Kb / 5P
   SINGLE SUPPLY QUAD PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811 Datasheet
111Kb / 5P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
SY100S811 MICREL-SY100S811_07 Datasheet
100Kb / 6P
   SINGLE SUPPLY 1:9 PECL/TTL-TO-PECL
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com