Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H602JZTR Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10H602JZTR
Description  9-BIT LATCHED TTL-TO-ECL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H602JZTR Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10H602JZTR Datasheet HTML 1Page - Micrel Semiconductor SY10H602JZTR Datasheet HTML 2Page - Micrel Semiconductor SY10H602JZTR Datasheet HTML 3Page - Micrel Semiconductor SY10H602JZTR Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
SY10H602
SY100H602
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
GND
TTL Ground (0V)
VCCE
ECL VCC (0V)
VCCO
ECL VCC (0V) — Outputs
VCCT
TTL Supply (+5.0V)
VEE
ECL Supply (–5.2/–4.5V)
D0–D8
Data Inputs (TTL)
Q0–Q8
Data Outputs (ECL)
ENECL
Enable Control (ECL)
LEN
Latch Enable (ECL)
MR
Master Reset (ECL)
DESCRIPTION
FEATURES
s 9-bit ideal for byte-parity applications
s Flow-through configuration
s Extra TTL and ECL power/ground pins to minimize
switching noise
s Dual supply
s 3.5ns max. D to Q
s PNP TTL inputs for low loading
s Choice of ECL compatibility: MECL 10KH (10Hxxx)
or 100K (100Hxxx)
s Fully compatible with MC10H/100H602
s Available in 28-pin PLCC package
The SY10/100H602 are 9-bit, dual supply TTL-to-ECL
translators with latches. Devices in the Micrel 9-bit
translator series utilize the 28-lead PLCC for optimal
power pinning, signal flow-through and electrical
performance.
The H602 features D-type latches. Latching is
controlled by Latch Enable (LEN), while the Master Reset
input resets the latches. A post-latch logic enable is also
provided (ENECL), allowing control of the output state
without destroying latch data. All control inputs are ECL
level.
The 10H version is compatible with MECL 10KH ECL
logic levels. The 100H version is compatible with 100K
levels.
SY10H602
SY100H602
9-BIT LATCHED
TTL-TO-ECL
Rev.: E
Amendment: /0
Issue Date:
March 2006
BLOCK DIAGRAM
Q0
D0
TTL
LEN
MR
ECL
Q
D
EN
Q1
D1
Q
D
EN
Q2
D2
Q
D
EN
Q3
D3
Q
D
EN
Q4
D4
Q
D
EN
Q5
D5
Q
D
EN
Q6
D6
Q
D
EN
Q7
D7
Q
D
EN
Q8
D8
Q
D
EN
ENECL
PIN NAMES


Similar Part No. - SY10H602JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H602JC MICREL-SY10H602JC Datasheet
71Kb / 4P
   9-BIT LATCHED
SY10H602JCTR MICREL-SY10H602JCTR Datasheet
71Kb / 4P
   9-BIT LATCHED
More results

Similar Description - SY10H602JZTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H603 MICREL-SY10H603_06 Datasheet
64Kb / 4P
   9-BIT LATCHED ECL-TO-TTL
SY10H603 MICREL-SY10H603 Datasheet
72Kb / 4P
   9-BIT LATCHED ECL-TO-TTL
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H601 MICREL-SY10H601 Datasheet
70Kb / 4P
   9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
SY10H601 MICREL-SY10H601_06 Datasheet
61Kb / 4P
   9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
logo
ON Semiconductor
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com