Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H602JZ Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY10H602JZ
Description  9-BIT LATCHED TTL-TO-ECL
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H602JZ Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY10H602JZ Datasheet HTML 1Page - Micrel Semiconductor SY10H602JZ Datasheet HTML 2Page - Micrel Semiconductor SY10H602JZ Datasheet HTML 3Page - Micrel Semiconductor SY10H602JZ Datasheet HTML 4Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
SY10H602
SY100H602
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
LOGIC DIAGRAM
TRUTH TABLE
D
LEN
MR
ENECL
Q
LL
L
H
L
HL
L
H
H
XH
L
H
Q0
XX
H
H
L
XX
X
L
L
DC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V
± 10%; VEE = –4.75V to –5.5V (10H Version); VEE = –4.2V to –5.5V (100H Version)
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
IEE
Power Supply Current, ECL
mA
10H
125
125
125
100H
122
123
132
ICCH
Power Supply Current, TTL
48
48
48
mA
ICCL
50
50
50
LOGIC DIAGRAM
AC ELECTRICAL CHARACTERISTICS
VCCT = 5.0V
± 10%; VEE = –4.75V to –5.5V (10H Version); VEE = –4.2V to –5.5V (100H Version)
TA = 0
°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
Condition
tPD
Propagation Delay to Output
ns
D
1.4
3.0
1.5
3.2
1.7
3.5
LEN
2.0
3.4
2.1
3.5
2.4
3.7
MR
2.0
3.4
2.1
3.5
2.5
3.9
ENECL
1.6
3.2
1.7
3.3
1.8
3.7
tS
Set-up Time, D to LEN
2.0
2.0
2.0
ns
tH
Hold Time, D to LEN
1.0
1.0
1.0
ns
tw(L)
LEN Pulse Width, LOW
2.0
2.0
2.0
ns
tr
Output Rise/Fall Time
0.5
1.5
0.5
1.5
0.5
1.5
ns
tf
20% to 80%, 80% to 20%


Similar Part No. - SY10H602JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H602JC MICREL-SY10H602JC Datasheet
71Kb / 4P
   9-BIT LATCHED
SY10H602JCTR MICREL-SY10H602JCTR Datasheet
71Kb / 4P
   9-BIT LATCHED
More results

Similar Description - SY10H602JZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H603 MICREL-SY10H603_06 Datasheet
64Kb / 4P
   9-BIT LATCHED ECL-TO-TTL
SY10H603 MICREL-SY10H603 Datasheet
72Kb / 4P
   9-BIT LATCHED ECL-TO-TTL
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600 Datasheet
82Kb / 4P
   9-Bit TTL/ECL Translator
1996 REV 5
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
logo
Micrel Semiconductor
SY10H601 MICREL-SY10H601 Datasheet
70Kb / 4P
   9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
SY10H601 MICREL-SY10H601_06 Datasheet
61Kb / 4P
   9-BIT ECL-TO-TTL WITH 3-STATE ENABLE
logo
ON Semiconductor
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com