Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10H606JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY10H606JC
Description  REGISTERED HEX TTL-TO-PECL
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10H606JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY10H606JC Datasheet HTML 1Page - Micrel Semiconductor SY10H606JC Datasheet HTML 2Page - Micrel Semiconductor SY10H606JC Datasheet HTML 3Page - Micrel Semiconductor SY10H606JC Datasheet HTML 4Page - Micrel Semiconductor SY10H606JC Datasheet HTML 5Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
SY10H606
SY100H606
Micrel, Inc.
M9999-032906
hbwhelp@micrel.com or (408) 955-1690
Pin
Function
D0 – D5
TTL Data Inputs
CLK, CLK
Differential PECL Clock Inputs
TCLK
TTL Clock Input
MR
PECL Master Reset Input
Q0 – Q5
True PECL Outputs
Q0 – Q5
Inverted PECL Outputs
VCCE
PECL VCC (5.0V)
VCCT
TTL VCC (5.0V)
GND
TTL/PECL Ground
VBB
VBB Reference Output (PECL)
DESCRIPTION
FEATURES
The SY10/100H606 are 6-bit, registered, single supply
TTL-to-PECL translators. The devices feature differential
PECL outputs as well as a choice between either a
differential PECL clock input or a TTL clock input. The
asynchronous master reset control is a PECL level input.
With its differential ECL outputs and TTL inputs, the
H606 device is ideally suited for the transmit function of
a HPPI bus-type board-to-board interface application. The
on-chip registers simplify the task of synchronizing the
data between the two boards.
The device is available in either ECL standard:
the
10H device is compatible with 10K logic levels, while the
100H device is compatible with 100K logic levels.
BLOCK DIAGRAM
SY10H606
SY100H606
Rev.: E
Amendment: /0
Issue Date:
March 2006
PIN NAMES
DQ
R
CLK
Dn
CLK
TCLK
CLK
Qn
Qn
MR
VBB
1 OF 6 BITS
REGISTERED HEX
TTL-TO-PECL
s Differential 50
ECL outputs
s Choice between differential PECL or TTL clock input
s Single +5V power supply
s VBB output for single-ended use
s Multiple power and ground pins to minimize noise
s Specified within-device skew
s Fully compatible with MC10H/100H606
s Available in 28-pin PLCC package


Similar Part No. - SY10H606JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H606JC MICREL-SY10H606JC Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H606JCTR MICREL-SY10H606JCTR Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
More results

Similar Description - SY10H606JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10H606 MICREL-SY10H606 Datasheet
64Kb / 5P
   REGISTERED HEX TTL-TO-PECL
SY10H607 MICREL-SY10H607_06 Datasheet
65Kb / 5P
   REGISTERED HEX PECL-TO-TTL
SY10H607 MICREL-SY10H607 Datasheet
74Kb / 4P
   REGISTERED HEX PECL-TO-TTL
logo
ON Semiconductor
MC100H606FN ONSEMI-MC100H606FN Datasheet
120Kb / 7P
   Registered Hex TTL to PECL Translator
November, 2006 ??Rev. 6
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H605 ONSEMI-MC10H605 Datasheet
143Kb / 7P
   Registered Hex ECL to TTL Translator
September, 2009 ??Rev. 8
logo
Micrel Semiconductor
SY100S391 MICREL-SY100S391 Datasheet
110Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
SY100S391 MICREL-SY100S391_07 Datasheet
75Kb / 6P
   LOW-POWER HEX TTL-TO-PECL TRANSLATOR
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com