Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP33VZG Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # SY10EP33VZG
Description  5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP33VZG Datasheet(HTML) 9 Page - Micrel Semiconductor

  SY10EP33VZG Datasheet HTML 1Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 2Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 3Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 4Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 5Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 6Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 7Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 8Page - Micrel Semiconductor SY10EP33VZG Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9
Precision Edge®
SY10EP33V
SY100EP33V
Micrel, Inc.
M9999-071906
hbwhelp@micrel.com or (408) 955-1690
8 LEAD SOIC .150" WIDE (Z8-1)
Rev. 03
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2003 Micrel, Incorporated.


Similar Part No. - SY10EP33VZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33VZG MICREL-SY10EP33VZG Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY10EP33VZGTR MICREL-SY10EP33VZGTR Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results

Similar Description - SY10EP33VZG

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com