Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S48SA1R206PRFA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # S48SA1R206PRFA
Description  Delphi Series S48SA, 33W Family DC/DC Power Modules: 48V in, 1.2V/12A out
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

S48SA1R206PRFA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button S48SA1R206PRFA Datasheet HTML 2Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 3Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 4Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 5Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 6Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 7Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 8Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 9Page - Delta Electronics, Inc. S48SA1R206PRFA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
DS_S48SA1R212_05122006
This power module is not internally fused. To achieve
optimum safety and system protection, an input line
fuse is highly recommended. The safety agencies
require a normal-blow fuse with 3A maximum rating to
be installed in the ungrounded lead. A lower rated fuse
can be used based on the maximum inrush transient
energy and maximum input current.
Soldering and Cleaning Considerations
Post solder cleaning is usually the final board assembly
process before the board or system undergoes
electrical testing. Inadequate cleaning and/or drying
may lower the reliability of a power module and
severely affect the finished circuit board assembly test.
Adequate cleaning and/or drying is especially important
for un-encapsulated and/or open frame type power
modules. For assistance on appropriate soldering and
cleaning procedures, please contact Delta’s technical
support team.
DESIGN CONSIDERATIONS
Input Source Impedance
The impedance of the input source connecting to the
DC/DC power modules will interact with the modules
and affect the stability. A low ac-impedance input
source is recommended. If the source inductance is
more than a few µH, we advise adding a 10 to 100 µF
electrolytic capacitor (ESR < 0.7 Ω at 100 kHz)
mounted close to the input of the module to improve the
stability.
Layout and EMC Considerations
Delta’s DC/DC power modules are designed to operate
in a wide variety of systems and applications. For
design assistance with EMC compliance and related
PWB layout issues, please contact Delta’s technical
support team. An external input filter module is
available
for
easier
EMC
compliance
design.
Application notes to assist designers in addressing
these issues are pending release.
Safety Considerations
The power module must be installed in compliance with
the spacing and separation requirements of the end-
user’s safety agency standard if the system in which the
power module is to be used must meet safety agency
requirements.
When the input source is 60Vdc or below, the power
module
meets
SELV
(safety
extra-low
voltage)
requirements. If the input source is a hazardous voltage
which is greater than 60 Vdc and less than or equal to
75 Vdc, for the module’s output to meet SELV
requirements, all of the following must be met:
The input source must be insulated from any
hazardous voltages, including the ac mains, with
reinforced insulation.
One Vi pin and one Vo pin are grounded, or all the
input and output pins are kept floating.
The input terminals of the module are not operator
accessible.
A SELV reliability test is conducted on the system
where the module is used to ensure that under a
single fault, hazardous voltage does not appear at
the module’s output.
Do not ground one of the input pins without grounding
one of the output pins. This connection may allow a non-
SELV voltage to appear between the output pin and
ground.
6


Similar Part No. - S48SA1R206PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
865Kb / 13P
   UL/cUL 60950 (US & Canada) recognized
S48SA1R212NRFA DELTA-S48SA1R212NRFA Datasheet
910Kb / 13P
   Industry standard footprint and pin out
More results

Similar Description - S48SA1R206PRFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
E48SR1R225 DELTA-E48SR1R225 Datasheet
863Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SH1R250NRFA DELTA-E48SH1R250NRFA Datasheet
1,001Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SH1R250 DELTA-E48SH1R250 Datasheet
1,019Kb / 15P
   Delphi Series E48SH, 120W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/50A out
E48SR1R225NRFA DELTA-E48SR1R225NRFA Datasheet
898Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 1.2V/25A out
E48SC05012NRFA DELTA-E48SC05012NRFA Datasheet
760Kb / 15P
   Delphi Series E48SC05012, 60W Eighth Brick Family DC/DC Power Modules: 48V in, 5V/12A out
E48SR05012 DELTA-E48SR05012 Datasheet
745Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
E48SR05012NRFA DELTA-E48SR05012NRFA Datasheet
798Kb / 15P
   Delphi Series E48SR, 66W Eighth Brick Family DC/DC Power Modules: 48V in, 5.0V/12A out
S24SA1R212NRFA DELTA-S24SA1R212NRFA Datasheet
850Kb / 13P
   Delphi Series S24SA, 2?쓝1??Family DC/DC Power Modules: 18~36Vin, 1.2V, 12A out
E48SC12008NRFA DELTA-E48SC12008NRFA Datasheet
777Kb / 17P
   Delphi Series E48SC12008, Eighth Brick Family DC/DC Power Modules: 48V in, 12V/8A out
V48SR1R225NRFA DELTA-V48SR1R225NRFA Datasheet
787Kb / 14P
   Delphi Series V48SR, 1/16th Brick 66W DC/DC Power Modules: 48V in, 1.2V, 25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com