Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY100EP11UZITR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY100EP11UZITR
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100EP11UZITR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY100EP11UZITR Datasheet HTML 1Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 2Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 3Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 4Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 5Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 6Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 7Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 8Page - Micrel Semiconductor SY100EP11UZITR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
ECL Pro™
SY10EP11U
SY100EP11U
Micrel, Inc.
M9999-111606
hbwhelp@micrel.com or (408) 955-1690
Symbol
Rating
Value
Unit
VCC —VEE
Power Supply Voltage
6V
V
VIN
Input Voltage (VCC = 0V, VIN not more negative than VEE)
–6.0 to 0
V
Input Voltage (VEE = 0V, VIN not more positive than VCC)
+6.0 to 0
V
IOUT
Output Current
–Continuous
50
mA
–Surge
100
TA
Operating Temperature Range
–40 to +85
°C
TLEAD
Lead Temperature (soldering, 20sec.)
260
°C
Tstore
Storage Temperature Range
–65 to +150
°C
θJA
Package Thermal Resistance
–Still-Air
(SOIC)
160
°C/W
(Junction-to-Ambient)
–500lfpm
(SOIC)
109
–Still-Air
(MSOP)
206
°C/W
–500lfpm
(MSOP)
155
θJC
Package Thermal Resistance
(SOIC)
39
°C/W
(Junction-to-Case)
(MSOP)
39
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended
periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
VCC
Power Supply Voltage
V
(PECL)
4.5
5.0
5.5
4.5
5.0
5.5
4.5
5.0
5.5
(LVPECL)
2.37
3.8
2.37
3.8
2.37
3.8
(ECL)
–5.5
–5.0
–4.5
–5.5
–5.0
–4.5
–5.5
–5.0
–4.5
(LVECL)
–3.8
–3.3
–2.37
–3.8
–3.3
–2.37
–3.8
–3.3
–2.37
IEE
Power Supply Current
SY10EP11U
37
25
39
40
mA
SY100EP11U
44
30
44
44
mA
IIH
Input HIGH Current
150
150
150
µAVIN = VIH
IIL
Input LOW Current
D
0.5
0.5
0.5
µAVIN = VIL
/D
–150
–150
–150
µAVIN = VIL
CIN
Input Capacitance (MSOP)
————
1.0
————
pF
(SOIC)
————
1.35
————
pF
Note:
1. 10/100KEP circuits are designed to meet the DC specifications shown in the above table after thermal equilibrium has been established. The circuit
is in a test socket or mounted on a printed circuit board and traverse airflow greater than 500lfpm is maintained.
DC ELECTRICAL CHARACTERISTICS(1)


Similar Part No. - SY100EP11UZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100EP111U MICREL-SY100EP111U Datasheet
95Kb / 9P
   2.5 V/ 3.3V 1:10 DIFFERENTIAL LVPECL /LVECL/HSTL CLOCK DRIVER
SY100EP111U MICREL-SY100EP111U Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTG MICREL-SY100EP111UTG Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTR MICREL-SY100EP111UTGTR Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
SY100EP111UTGTX MICREL-SY100EP111UTGTX Datasheet
104Kb / 9P
   2.5V/3.3V 1:10 DIFFERENTIAL LVPECL/LVECL/HSTL CLOCK DRIVER
More results

Similar Description - SY100EP11UZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com