Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP11UZITR Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # SY10EP11UZITR
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP11UZITR Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button SY10EP11UZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 4Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 5Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 6Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 7Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 8Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 9Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
ECL Pro™
SY10EP11U
SY100EP11U
Micrel, Inc.
M9999-111605
hbwhelp@micrel.com or (408) 955-1690
TERMINATION RECOMMENDATIONS
R2
82Ω
R2
82Ω
ZO = 50Ω
ZO = 50Ω
+3.3V
+3.3V
Vt = VCC –2V
R1
130Ω
R1
130Ω
+3.3V
Figure 1. Parallel Termination–Thevenin Equivalent
Notes:
1. For +2.5V systems: R1 = 250Ω, R2 = 62.5Ω.
2. For +5.0V systems: R1 = 82Ω.
R2 = 130Ω
Z = 50Ω
Z = 50Ω
50Ω
50Ω
50Ω
+5.0V or
+3.3V
+5.0V or
+3.3V
“source”
“destination”
Rb
Figure 2. Three-Resistor “Y–Termination”
Notes:
1. Power-saving alternative to Thevenin termination.
2. Place termination resistors as close to destination inputs as possible.
3. R
b resistor sets the DC bias voltage equal to Vt. For +3.3V systems Rb = 46Ω to 50Ω. For +5V systems, Rb = 110Ω.


Similar Part No. - SY10EP11UZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY10EP11UZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com