Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP11UZITR Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10EP11UZITR
Description  2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP11UZITR Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button SY10EP11UZITR Datasheet HTML 2Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 3Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 4Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 5Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 6Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 7Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 8Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 9Page - Micrel Semiconductor SY10EP11UZITR Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
ECL Pro™
SY10EP11U
SY100EP11U
Micrel, Inc.
M9999-111606
hbwhelp@micrel.com or (408) 955-1690
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Condition
fMAX
Max. Toggle Frequency(9)
3—
—3—
3—
GHz
tPLH
Propagation Delay (Differential)
tPHL
D to Q, /Q
140
200
250
160
220
270
180
240
300
ps
VCC = 3.3/5V
D to Q, /Q
170
230
300
180
240
310
210
270
360
ps
VCC = 2.5V
tSKEW
Within-Device Skew(10)Q, /Q
5
20
5
20
5
20
ps
Part-to-Part Skew(10)
——
130
——
130
150
ps
VCC = 3.3/5V
——
110
——
110
120
ps
VCC = 2.5V
tJITTER
Cycle-to-Cycle Jitter (RMS)
0.2
< 1
0.2
< 1
0.2
< 1
psRMS
VDIFF
Input Swing(11)
150
800
1200
150
800
1200
150
800
1200
mV
tr, tf
Output Rise/Fall Time
70
110
170
80
120
180
100
140
200
ps
(20% to 80%)
AC ELECTRICAL CHARACTERISTICS
VCC = 0V; VEE = –5.5V to –2.375V or VCC = 2.375V to 5.5V, VEE = 0V.
Notes:
9. Measured with 750mV input signal, 50% duty cycle. All loading with a 50Ω to VCC –2.0V.
10. Skew is measured between outputs under identical transitions. Duty cycle skew is defined only for differential operation when the delays are
measured from the cross point of the inputs to the cross point of the outputs.
11. See “Input Waveform.”
INPUT WAVEFORM
DVIHCMR
/D
VDIFF =150mV to 1200mV


Similar Part No. - SY10EP11UZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP16U MICREL-SY10EP16U Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKG MICREL-SY10EP16UKG Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
524Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
SY10EP16UKGTR MICREL-SY10EP16UKGTR Datasheet
562Kb / 15P
   2.5/3.3V Precision ECL Differential Receiver/Driver
More results

Similar Description - SY10EP11UZITR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U Datasheet
49Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
logo
Integrated Circuit Syst...
ICS853001 ICST-ICS853001 Datasheet
253Kb / 16P
   1:1, DIFFERENTIAL LVPECL-TO-2.5V, 3.3V, 5V LVPECL/ECL BUFFER
logo
Motorola, Inc
MC100ES6011 MOTOROLA-MC100ES6011 Datasheet
351Kb / 8P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
logo
ON Semiconductor
MC10LVEP11 ONSEMI-MC10LVEP11_06 Datasheet
166Kb / 12P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 11
MC10LVEP11 ONSEMI-MC10LVEP11 Datasheet
134Kb / 10P
   2.5V / 3.3V ECL 1:2 Differential Fanout Buffer
February, 2005 ??Rev. 7
MC10EP11 ONSEMI-MC10EP11_06 Datasheet
163Kb / 11P
   3.3V / 5V ECL 1:2 Differential Fanout Buffer
December, 2006 ??Rev. 8
logo
Integrated Circuit Syst...
ICS853006 ICST-ICS853006 Datasheet
202Kb / 16P
   DIFFERENTIAL-TO-2.5V/3.3V LVPECL/ECL FANOUT BUFFER
ICS85310L-01 ICST-ICS85310L-01 Datasheet
326Kb / 15P
   DIFFERENTIAL-TO-2.5V/3.3V ECL/LVPECL FANOUT BUFFER
REV. F JANUARY16, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com