Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP451LTGTR Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # SY10EP451LTGTR
Description  3.3V ECL 6-Bit Differential Register with Master Reset
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP451LTGTR Datasheet(HTML) 4 Page - Micrel Semiconductor

  SY10EP451LTGTR Datasheet HTML 1Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 2Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 3Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 4Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 5Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 6Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 7Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 8Page - Micrel Semiconductor SY10EP451LTGTR Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
SY10/100EP451L
March 2007
4
M9999-030507-A
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Function
2, 3
32, 1
30, 31
26, 27
24, 25
22, 23
D0, /D0
D1, /D1
D2, /D2
D3, /D3
D4, /D4
D5, /D5
ECL Differential Data Inputs: These input pairs are the different data signal inputs to the
device. Each input pin is connected to a 75k
Ω pull-down resistor. Due to an internal
clamping circuit, D will default LOW and /D will default HIGH if left open.
29
MR
ECL Master Reset Input pin. If input pin is left open, it will default to LOW.
4, 5
CLK, /CLK
ECL Differential Clock Input: This input pair is the clock signal input to the device. Each
input pin is connected to a 75k
Ω pull-down resistor. Due to an internal clamping circuit,
CLK will default LOW and /CLK will default HIGH if left open.
7, 8
9, 10
11, 12
14, 15
17, 18
20, 21
Q0, /Q0
Q1, /Q1
Q2, /Q2
Q3, /Q3
Q4, /Q4
Q5, /Q5
ECL Differential Data Outputs: Q defaults to LOW and /Q defaults to HIGH if D inputs are
left open. See “LVPECL Output Interface Applications” section for recommendations on
terminations.
6, 13, 16
VCC
Positive Supply: Bypass with 0.1
µF||0.01µF low ESR capacitors as close to the VCC pins
as possible.
19, 28
VEE
Negative Power Supply: VEE must be tied to most negative supply.


Similar Part No. - SY10EP451LTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451LTGTR MICREL-SY10EP451LTGTR Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
More results

Similar Description - SY10EP451LTGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP451L_0705 MICREL-SY10EP451L_0705 Datasheet
443Kb / 10P
   3.3V ECL 6-Bit Differential Register with Master Reset
logo
ON Semiconductor
MC10EP451 ONSEMI-MC10EP451_06 Datasheet
124Kb / 10P
   3.3V / 5V ECL 6?묪it Differential Register with Master Reset
March, 2006 ??Rev. 8
MC10EP451 ONSEMI-MC10EP451 Datasheet
91Kb / 10P
   3.3V / 5VECL 6-Bit Differential Register with Master Reset
June, 2004 ??Rev. 6
MC10EP451 ONSEMI-MC10EP451_14 Datasheet
114Kb / 10P
   ECL 6-Bit Differential Register
June, 2014 ??Rev. 10
MC10E452 ONSEMI-MC10E452_06 Datasheet
135Kb / 8P
   5V ECL 5-Bit Differential Register
November, 2006 ??Rev. 11
MC10E151 ONSEMI-MC10E151_06 Datasheet
127Kb / 8P
   5V ECL 6-Bit D Register
November, 2006 ??Rev. 9
MC10E451 ONSEMI-MC10E451_16 Datasheet
165Kb / 9P
   5 V ECL 6-Bit D Register Differential Data and Clock
July, 2016 ??Rev. 10
MC10EP51 ONSEMI-MC10EP51_06 Datasheet
155Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Reset and Differential Clock
November, 2006 ??Rev. 6
MC10EP51 ONSEMI-MC10EP51 Datasheet
76Kb / 8P
   3.3V / 5V ECL D Flip-Flop with Reset and Differential Clock
April, 2001 ??Rev. 3
logo
Micrel Semiconductor
SY10E451 MICREL-SY10E451 Datasheet
63Kb / 4P
   6-BIT REGISTER DIFFERENTIAL DATA CLOCK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com