Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY10EP33VZI Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # SY10EP33VZI
Description  5V/3.3V 4GHz, 첨 4 PECL/LVPECL DIVIDER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY10EP33VZI Datasheet(HTML) 7 Page - Micrel Semiconductor

  SY10EP33VZI Datasheet HTML 1Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 2Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 3Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 4Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 5Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 6Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 7Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 8Page - Micrel Semiconductor SY10EP33VZI Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Precision Edge®
SY10EP33V
SY100EP33V
Micrel, Inc.
M9999-071906
hbwhelp@micrel.com or (408) 955-1690
AC ELECTRICAL CHARACTERISTICS(1, 2)
NECL: VCC = 0V, VEE = –3.3V to –5.0V ±10%; PECL: VEE = 0V, VCC = +3.3V to +5.0V ±10%.
TA = –40°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
fMAX
Maximum Frequency(3)
4
——
4
——
4
——
GHz
tPLH
Propagation Delay to Output
ps
tPHL
CLK ➝ Q
300
380
440
300
380
440
320
400
460
(SY10EP33V) RESET➝ Q
300
420
470
290
420
470
320
450
500
(SY100EP33V) RESET➝ Q
310
420
470
310
420
470
320
450
500
tRR
Set/Reset Recovery
200
——
200
100
200
——
ps
tPW
Minimum Pulse Width RESET
550
——
550
200
550
——
ps
tJITTER
Cycle-to-Cycle RMS Jitter(3)
0.2
< 1
0.2
< 1
0.2
< 1
ps(rms)
VPP
Input Voltage Swing
150
800
1200
150
800
1200
150
800
1200
mV
(Differential)
tr
Output Rise/Fall Times
Q, /Q
90
170
200
100
180
220
120
200
240
ps
tf
(20% to 80%)
Notes:
1. Measured using a 750mV source, 50% duty cycle clock source. All loading with 50
Ω to V
CC –2.0V.
2. Specifications for packaged product only.
3. fMAX guaranteed for functionality only. VOL and VOH levels are guaranteed at DC only.


Similar Part No. - SY10EP33VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33VZI MICREL-SY10EP33VZI Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY10EP33VZITR MICREL-SY10EP33VZITR Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
More results

Similar Description - SY10EP33VZI

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EP33V MICREL-SY10EP33V_10 Datasheet
232Kb / 11P
   5V/3.3V, 4GHz, 첨4 PECL/LVPECL Divider
SY89313V MICREL-SY89313V Datasheet
52Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 4 CLOCK GENERATOR
SY10EL33 MICREL-SY10EL33_06 Datasheet
473Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY10EL33 MICREL-SY10EL33 Datasheet
59Kb / 4P
   5V/3.3V 첨 4 DIVIDER
SY89312V MICREL-SY89312V Datasheet
51Kb / 6P
   3.3V/5V, 4GHz PECL/ECL 첨 2 CLOCK GENERATOR
SY10EL32V MICREL-SY10EL32V_06 Datasheet
53Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EL32V MICREL-SY10EL32V Datasheet
49Kb / 4P
   5V/3.3V 첨 2 DIVIDER
SY10EP32V MICREL-SY10EP32V Datasheet
132Kb / 9P
   5V/3.3V 첨 2 DIVIDER
SY89312V MICREL-SY89312V_13 Datasheet
408Kb / 7P
   3.3V/5V, 4GHz PECL/ECL첨2 Clock Generator
logo
Arizona Microtek, Inc
AZ10EL32 AZM-AZ10EL32 Datasheet
104Kb / 6P
   ECL/PECL 첨 2 Divider
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com